전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H46TAD-R

  • AI
    The **M3H46TAD-R** is a high-performance power semiconductor module, specifically an **Intelligent Power Module (IPM)** manufactured by **Mitsubishi Electric**. It belongs to the **Large DIPIPM™ Ver.6** series and is primarily used for three-phase motor drive applications. --- ## 1. Core Technical Specifications The following table outlines the fundamental electronic parameters of the M3H46TAD-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Collector-Emitter Voltage ($V_{CES}$)** | 600V | Maximum voltage across the IGBT. | | **Collector Current ($I_C$)** | 50A | Rated continuous current at $T_c = 25^\circ C$. | | **Configuration** | 3-Phase Inverter | Bridge circuit for AC motor control. | | **Technology** | 7th Gen CSTBT™ | Mitsubishi's high-efficiency trench gate IGBT. | | **Isolation Voltage** | 2500 Vrms | Dielectric strength (60Hz, 1 min). | | **Drive Voltage ($V_D$)** | 13.5V to 16.5V | Control supply voltage range. | --- ## 2. Internal Electronic Components The module integrates several discrete power and control components into a single package to simplify inverter design: ### A. Power Stage * **IGBTs (Insulated Gate Bipolar Transistors):** Six 7th-generation CSTBT devices arranged in a bridge. They handle the high-current switching to drive the motor phases. * **FWDs (Free-Wheeling Diodes):** Diodes paired with each IGBT to protect against inductive spikes and allow current flow during "off" cycles. ### B. Integrated Control ICs * **Gate Drivers:** Internal circuits that convert low-level logic signals (3.3V or 5V) into the high-voltage/current signals needed to switch the IGBTs. * **High-Voltage IC (HVIC):** Allows the high-side IGBTs to be driven without the need for opto-couplers or additional isolated power supplies. * **LVIC (Low-Voltage IC):** Manages the low-side IGBTs and monitors fault conditions. ### C. Protection Circuitry * **Short Circuit Protection (SC):** Monitors current and shuts down the module if a short is detected. * **Control Supply Under-Voltage (UV):** Protects the IGBTs from operating in a linear region if the power supply drops too low. * **Over-Temperature Protection (OT):** An integrated thermistor or analog voltage output tracks the module's temperature. --- ## 3. Application Use Cases Due to its 600V/50A rating, this module is commonly found in: * **Industrial Automation:** Variable Frequency Drives (VFDs) and Servo motors. * **HVAC Systems:** High-capacity air conditioner compressors. * **Commercial Appliances:** Large-scale washing machines and refrigerators. * **Renewable Energy:** Small-scale solar inverters. --- ## 4. Key Design Advantages 1. **Reduced Component Count:** Replaces over 30 discrete components (drivers, protection circuits, power transistors). 2. **Thermal Efficiency:** The package is designed for direct mounting to a heatsink with high thermal conductivity. 3. **Low EMI:** Internal layout is optimized to minimize electromagnetic interference during high-speed switching.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout requirements for the M3H46TAD-R?
    • ⤷ How does the 7th Gen CSTBT technology improve efficiency over older models?
    • ⤷ What is the recommended switching frequency for this IPM?