전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H46TBD-R

  • AI
    The **M3H46TBD-R** is a high-performance power semiconductor module, typically classified as an **Intelligent Power Module (IPM)** manufactured by **Mitsubishi Electric**. It is designed specifically for motor drive applications, such as industrial fans, pumps, and air conditioning compressors. --- ### 1. Key Internal Components The module integrates several critical electronic parts into a single package to simplify circuit design: | Component Type | Description | | :--- | :--- | | **Power Switches** | 6th Generation IGBTs (Insulated Gate Bipolar Transistors) in a 3-phase bridge configuration. | | **Freewheeling Diodes** | Fast-recovery diodes paired with each IGBT to protect against inductive spikes. | | **Drive ICs** | Integrated gate drivers that convert low-level logic signals to high-current gate drive signals. | | **LVIC & HVIC** | Low-Voltage and High-Voltage Integrated Circuits for level-shifting and control. | | **Protection Circuitry** | Built-in logic for over-current, under-voltage, and over-temperature protection. | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this series of modules: * **Voltage Rating:** Generally rated for **600V** systems. * **Current Rating:** Typically handles **30A to 50A** (depending on the specific sub-variant suffix). * **Topology:** 3-Phase Inverter Bridge. * **Package Type:** DIP-IPM (Dual In-line Package Intelligent Power Module). --- ### 3. Pinout and Control Logic The module uses a split-pin architecture to isolate high-power and low-power signals: 1. **High-Voltage Pins (P, N, U, V, W):** Connect to the DC bus and the three phases of the AC motor. 2. **Control Pins (In, VNC, VCC):** Interface with a Microcontroller (MCU) or DSP. 3. **Error Signal (FO):** A dedicated pin that pulls low if the module detects a fault (e.g., short circuit). --- ### 4. Implementation Example To use the M3H46TBD-R in a design, the following external components are usually required: ```c // Pseudo-code logic for MCU control of the IPM void drive_motor() { if (read_fault_pin(IPM_FO) == HIGH) { apply_PWM(Phase_U, Phase_V, Phase_W); } else { stop_all_signals(); // Fault detected in M3H46TBD-R } } ``` --- ### 5. Main Advantages * **Miniaturization:** Reduces the PCB footprint by eliminating the need for separate gate drivers and heat sinks for individual transistors. * **Reliability:** The integrated protection logic acts faster than software-based protection in an MCU. * **Thermal Efficiency:** Uses a ceramic or high-conductivity substrate for better heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What are the specific heat sinking requirements for the M3H46TBD-R?
    • ⤷ Can this module be used for solar inverter applications?
    • ⤷ What is the recommended switching frequency for this IPM?