전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H48TAG-R

  • AI
    The **M3H48TAG-R** belongs to the **M3H Group** of the **TXZ+™ Family Advance Class** microcontrollers manufactured by Toshiba. It is based on the high-performance ARM® Cortex®-M3 core and is designed primarily for motor control, industrial equipment, and consumer electronics. --- ## 1. Core Technical Specifications This microcontroller is optimized for efficiency and real-time control. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 12 KB (including 2 KB of Data Flash) | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP48 (7mm x 7mm) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Peripheral Modules The "electronic parts" within this IC consist of several specialized hardware blocks: ### A. Motor Control & Timers * **Advanced Programmable Motor Control (A-PMD):** A 1-channel 3-phase PWM output generator. It supports dead-time insertion and emergency stop functions via external input. * **Advanced Encoder Input Circuit (A-ENC):** Supports incremental encoders, helping in precise position and speed detection for motor shafts. * **General Purpose Timers (T32A):** Includes 32-bit/16-bit timers for interval measurement and PWM generation. ### B. Analog Components * **12-bit ADC:** Offers high-speed conversion (approx. 1.0 $\mu s$). It is used to sample sensor data, current, or voltage levels. * **DAC:** A 1-channel, 8-bit Digital-to-Analog converter for generating reference voltages or waveforms. ### C. Communication Interfaces * **UART:** Up to 4 channels for asynchronous serial communication. * **I2C / SIO:** Up to 3 channels for interfacing with sensors and EEPROMs. * **TSPI:** Up to 3 channels of synchronized serial interface (SPI) for high-speed data transfer. --- ## 3. Architecture & Functional Blocks The internal "parts" work together through a Multi-layer AHB/APB bus system: 1. **Clock Generator (CG):** Includes internal high-speed and low-speed oscillators, plus a PLL to reach the 120MHz speed from a lower frequency crystal. 2. **Voltage Regulator:** Converts the external VDD (e.g., 5V) to the internal core voltage (typically 1.2V). 3. **Watchdog Timer (WDT):** Provides a failsafe mechanism to reset the MCU if the software hangs. 4. **DMA Controller:** Allows data movement between peripherals and memory without CPU intervention, reducing power consumption and latency. --- ## 4. Typical Applications Due to its LQFP48 footprint and motor-specific hardware, it is commonly found in: * Small home appliances (fans, washing machine pumps). * Office automation (printers, scanners). * Industrial sensors and small-scale motor actuators.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H48TAG-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools or IDEs are compatible with the Toshiba TXZ+ family?