전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H48TCD-R

  • AI
    The **M3H48TCD-R** belongs to the Toshiba **TXZ+™ Family Advanced Class** (specifically the M3H Group). These are high-performance microcontrollers based on the ARM® Cortex®-M3 core, designed primarily for motor control, industrial equipment, and home appliances. --- ### 1. Core Technical Specifications The "M3H" series is optimized for low power consumption while maintaining high-speed processing capabilities. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 128 KB (up to 512KB in series) | | **RAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP48 (7mm x 7mm) | --- ### 2. Key Peripheral Modules The M3H48TCD-R is integrated with several specialized electronic blocks that make it suitable for power electronics: #### A. Motor Control & Timers * **A-PMD (Advanced Programmable Motor Driver):** A dedicated hardware block that simplifies 3-phase complementary PWM output for brushless DC (BLDC) motor control. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder signals to detect motor position and speed accurately. #### B. Analog Components * **12-bit ADC:** High-speed Analog-to-Digital converter (approx. 1.5 µs conversion time) used for monitoring current, voltage, and sensor data. * **LVD (Low Voltage Detection):** Monitors power supply levels to prevent erratic behavior during voltage drops. #### C. Communication Interfaces The chip supports standard industrial communication protocols: * **UART / SIO:** For serial data transfer. * **I2C:** For peripheral sensor communication. * **TSPI:** Toshiba's high-speed Serial Peripheral Interface. --- ### 3. Application Use Cases Due to its integrated motor driver features and 5V support, this part is commonly used in: 1. **Consumer Electronics:** Air conditioner outdoor units, washing machines, and refrigerators. 2. **Industrial Automation:** Small pumps, fans, and conveyor belt controllers. 3. **Power Management:** Digital power supply control. --- ### 4. Part Number Decoder Understanding the "M3H48TCD-R" suffix: * **M3H:** Product Group (ARM Cortex-M3 / High Speed). * **48:** Pin Count (48 pins). * **T:** Memory Size (indicates the specific Flash/RAM configuration). * **-R:** Packaging (usually indicates Tape & Reel for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H48TCD-R in standby mode?
    • ⤷ How does the A-PMD module reduce CPU load in motor control applications?
    • ⤷ Is there a development board available for the Toshiba TXZ+ M3H series?