전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H48TDD-R

  • AI
    The **M3H48TDD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers developed by **Toshiba**. These are 32-bit microcontrollers based on the Arm® Cortex®-M3 core, designed specifically for consumer and industrial applications requiring motor control and high-speed data processing. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 66 KB (Includes 2 KB of Data Flash) | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Functional Electronic Blocks The "Electronic Parts" or internal peripherals of the M3H48TDD-R are optimized for high-precision control: #### A. Analog-to-Digital Conversion (ADC) * **High Speed:** Equipped with a 12-bit ADC with a conversion speed of approximately 1.6 μs. * **Channels:** It typically features multiple channels (up to 20+) to monitor sensors, voltages, and currents simultaneously. #### B. Advanced Timer Blocks (A-PMD) * **Advanced Programmable Motor Control (A-PMD):** This is a specialized 3-phase PWM output timer. It is designed to drive inverter motors (like those in air conditioners or washing machines) with minimal CPU intervention. * **Dead Time Control:** Automatically inserts dead time to prevent short circuits in power stages. #### C. Communication Interfaces The chip includes standard serial interfaces for interacting with other electronic components: * **UART/SIO:** Up to 6 channels. * **I2C:** High-speed multi-master interface. * **TSPI:** Toshiba Serial Peripheral Interface (similar to SPI) for high-speed data transfer to sensors or external memory. #### D. Safety and System Functions * **Oscillation Improvement:** Built-in high-speed and low-speed internal oscillators. * **Voltage Detection (LVD):** Monitors power supply to trigger resets during brownouts. * **CRC Computing Unit:** Used for verifying data integrity, essential for safety-critical applications. --- ### 3. Part Number Decoder Understanding the "M3H48TDD-R" nomenclature: * **M3H:** Toshiba TXZ+ Family, Cortex-M3 Group. * **4:** High-speed version (120MHz). * **8:** Memory density indicator (512KB Flash). * **T:** Package type (LQFP). * **DD:** Pin count / specific feature set (100-pin). * **-R:** Generally indicates the packaging method (Tape and Reel). --- ### 4. Applications Due to its high clock speed and specialized motor timers, it is primarily used in: * **Home Appliances:** Inverter control for compressors and fans. * **Industrial Equipment:** Small-to-medium motor drives and factory automation sensors. * **Consumer Electronics:** Devices requiring a balance of low power consumption and 32-bit processing power.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M3H and M4K groups in the Toshiba TXZ+ family?
    • ⤷ Does this microcontroller support functional safety standards like IEC 60730?
    • ⤷ What development tools or IDEs are recommended for programming the M3H48TDD-R?