전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H51TBD-R

  • AI
    The **M3H51TBD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class** based on the ARM® Cortex®-M3 core. It is a high-performance microcontroller designed specifically for motor control and industrial automation applications. --- ### ## Core Specifications The device is built on a high-efficiency architecture to handle real-time processing tasks. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### ## Key Electronic Components & Subsystems #### 1. Advanced Motor Control Timer (A-PMD) The "T" in the part number often signifies its strength in motor control. It includes: * **3-phase PWM output:** Capable of controlling brushless DC (BLDC) motors. * **Dead-time insertion:** Prevents short circuits in power stages (Inverters). * **Emergency Stop Input:** Hardware-level protection that shuts down PWM signals during overcurrent events. #### 2. Analog-to-Digital Converter (ADC) To support high-speed feedback loops, the chip features: * **12-bit Resolution:** High precision for sensor readings. * **Multiple Channels:** Allows simultaneous sampling of motor phase currents and voltages. * **Conversion Speed:** Approximately 1.0 μs conversion time. #### 3. Communication Interfaces The M3H51TBD-R is equipped with various industry-standard protocols: * **UART/SIO:** For serial data transfer. * **I2C / Interface:** For peripheral sensors and EEPROM. * **TSPI:** High-speed Synchronous Serial Peripheral Interface. #### 4. System Functions * **DMA Controller:** Reduces CPU load by moving data between peripherals and memory automatically. * **Clock Generator:** Internal high-speed oscillator with PLL for frequency multiplication. * **Watchdog Timer (WDT):** Ensures system reliability by resetting the MCU if software hangs. --- ### ## Typical Application Circuits In a standard electronic design, this MCU is usually surrounded by: 1. **Decoupling Capacitors:** Usually 0.1μF ceramic capacitors near every $V_{DD}$ pin to filter noise. 2. **Crystal Oscillator:** An external 8MHz - 12MHz crystal for high-precision timing. 3. **Reset Circuit:** A simple RC circuit or a dedicated reset IC connected to the $RESET$ pin. 4. **Debug Port:** SWD (Serial Wire Debug) header for programming and real-time debugging.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H51TBD-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ Which development tools or IDEs are compatible with the TXZ+ family?