전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H54FDG-R

  • AI
    The **M3H54FDG-R** is a high-performance **N-Channel enhancement mode Power MOSFET** manufactured by companies like Niko Semiconductor (uPI Semi). It is commonly utilized in power management circuits, specifically in DC-DC converters and motherboard Voltage Regulator Modules (VRMs). --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 54A (approx.) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **On-Resistance ($V_{GS}=10V$)** | $R_{DS(on)}$ | ~4.5 to 6.0 mΩ | | **Package Type** | DFN 3x3 | Surface Mount | --- ### 2. Functional Features The M3H54FDG-R is designed for efficiency and high-speed switching. Its core features include: * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, which is critical for maintaining high efficiency in power supplies. * **Trench Technology:** Utilizes high-density cell design to achieve extremely low resistance and high reliability. * **Logic Level Compatibility:** Can be driven directly by many PWM controllers or microcontrollers with 4.5V to 10V gate drive signals. * **Fast Switching Speed:** Designed to handle high-frequency operation, reducing switching losses. --- ### 3. Pin Configuration (DFN 3x3) As a standard Power MOSFET in a DFN package, the pinout follows this general structure: 1. **Pins 1, 2, 3:** Source (S) 2. **Pin 4:** Gate (G) 3. **Pins 5, 6, 7, 8 (Exposed Pad):** Drain (D) --- ### 4. Common Applications Due to its high current handling and compact size, it is frequently found in: * **Computing:** CPU and GPU power delivery circuits (VRMs). * **DC-DC Converters:** Buck, Boost, and Synchronous Rectification stages. * **Battery Management:** Protection circuits and load switching. * **Consumer Electronics:** Power stages in high-performance laptops and workstations. --- ### 5. Troubleshooting and Replacement If you are testing this part with a multimeter (Diode Mode): * **Drain to Source:** Should show a diode drop (roughly 0.4V to 0.7V) in one direction (Source to Drain) and "Open" in the other. * **Gate to Source/Drain:** Should always show as "Open" or very high resistance. A short here indicates a failed MOSFET.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or cross-references for the M3H54FDG-R?
    • ⤷ Can this MOSFET be used in a 24V power system safely?
    • ⤷ What is the maximum operating temperature for this DFN package?