전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H55TCG-R

  • AI
    The **M3H55TCG-R** is a high-performance, automotive-grade microcontroller (MCU) from the **Toshiba TXZ+™ Family Advanced Series**. It is based on the ARM® Cortex®-M3 core and is specifically designed for motor control and consumer electronics requiring high precision. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 12 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Specialized Hardware Blocks The M3H55TCG-R is distinguished by its integration of hardware accelerators that offload the CPU: * **A-PMD (Advanced Programmable Motor Control):** A specialized 3-phase PWM output timer capable of controlling brushless DC (BLDC) motors with minimal CPU intervention. * **A-ENC (Advanced Encoder Interface):** Supports 2-phase incremental encoder input, essential for high-precision position sensing in robotics and appliances. * **A-ADC (Advanced Analog-to-Digital Converter):** A 12-bit ADC with high-speed conversion (approx. 1.0 $\mu s$), synchronized with the PWM for accurate current sensing. --- ### 3. Communication and Connectivity The device includes a robust set of standard peripherals for industrial interfacing: * **UART:** Up to 4 channels for serial communication. * **I2C:** 2 channels for sensor and EEPROM interfacing. * **TSPI:** 3 channels of High-speed Serial Peripheral Interface. * **Remote Control Signal Preprocessor:** Integrated hardware to decode IR remote signals. --- ### 4. Target Applications Due to its high frequency and specialized motor timers, the M3H55TCG-R is commonly used in: 1. **Home Appliances:** Washing machines, air conditioners (inverters), and refrigerators. 2. **Industrial Equipment:** Small-scale pumps, fans, and conveyor controllers. 3. **Consumer Electronics:** High-end audio systems and smart home devices. --- ### 5. Safety and Reliability As part of the TXZ+ series, it includes functional safety features such as: * **Flash Memory with ECC:** Error Correction Code to prevent data corruption. * **RAM Parity:** Detection of memory bit-flips. * **Clock Monitor:** Detects abnormal oscillator behavior.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the M3H and M4H series from Toshiba?
    • ⤷ Can you provide a code example for initializing the A-PMD timer?
    • ⤷ What development tools or IDEs support the M3H55TCG-R?