전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H62FCD-R

  • AI
    The **M3H62FCD-R** is an integrated circuit (IC) belonging to the **TOSHIBA TXZ3 series**, specifically part of the **M3H group**. This group is based on the ARM® Cortex®-M3 core, designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M3H62FCD-R: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz | | **Flash Memory** | 128 KB | | **RAM** | 12 KB | | **Operating Voltage** | 2.7V to 5.5V | | **I/O Pins** | 87 pins (Total) | | **Package Type** | LQFP100 (14mm x 14mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Specialized Electronic Subsystems The "R" suffix and the M3H series architecture include specific electronic components integrated into the die to handle complex tasks: #### A. Motor Control Hardware One of the defining features of this IC is its specialized hardware for motor driving: * **A-PMD (Advanced Programmable Motor Driver):** A dedicated hardware block that generates PWM (Pulse Width Modulation) signals. It includes "dead time" control to prevent short circuits in external MOSFET power stages. * **A-ENC (Advanced Encoder Design):** A hardware interface designed to process feedback from incremental encoders (Phase A, B, and Z signals). #### B. Analog Peripheral Block To interface with the physical world, the chip contains high-precision analog-to-digital converters: * **12-bit ADC:** Features high-speed conversion (approx. 1.5 μs) used for monitoring current and voltage in real-time. * **VREF:** Internal reference voltage support for stable analog measurements. #### C. Communication Interfaces The part includes standard digital communication blocks: * **UART:** 4 channels for serial data transfer. * **I2C:** 2 channels for peripheral communication. * **TSPI:** 2 channels (Toshiba Serial Peripheral Interface) for high-speed synchronous communication. --- ### 3. Application Examples The electronic architecture makes the M3H62FCD-R ideal for: 1. **Home Appliances:** Washing machine motors, air conditioner compressors. 2. **Office Automation:** Printers and multifunction scanners. 3. **Industrial Equipment:** Small-scale robotic arms and automated pumps. --- ### 4. Part Number Decoder (Quick Reference) | Prefix | Series | Group | RAM/Flash Code | Package | | :--- | :--- | :--- | :--- | :--- | | **M** | Microcontroller | **3H** (Cortex-M3) | **62** (Identifier) | **FCD** (LQFP100) |
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H62FCD-R in sleep mode?
    • ⤷ Does this chip support CAN bus communication for automotive applications?
    • ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ3 series MCUs?