전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H63TAD-R

  • AI
    The **M3H63TAD-R** is a specific electronic component, typically identified as a **Micro-Controller Unit (MCU)** or a specialized **ASIC** (Application-Specific Integrated Circuit) often used in automotive or industrial control systems. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. General Specifications The device belongs to a high-performance family of controllers designed for reliability and real-time processing. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Microcontroller | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Pin Count** | Usually 64 or 100 pins (depending on sub-variant) | | **Voltage Range** | 3.3V to 5.0V (Standard Logic Levels) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ### 2. Internal Electronic Architecture The "parts" inside this IC consist of several silicon-level modules that work together: #### A. Central Processing Unit (CPU) * **Architecture:** Likely based on an ARM Cortex or a proprietary 32-bit RISC core. * **Clock Speed:** Optimized for low power consumption vs. high-speed calculation. #### B. Memory Map * **Flash Memory:** Internal non-volatile storage for firmware/application code. * **SRAM:** High-speed volatile memory used for temporary data and stack processing. * **EEPROM/Data Flash:** For storing calibration constants or error logs that must survive power cycles. #### C. Peripherals & Connectivity This chip is designed to "talk" to other electronic parts via specific protocols: * **CAN-Bus / LIN-Bus:** Essential for automotive networking. * **ADC (Analog-to-Digital Converter):** Converts external sensor voltages into digital data. * **PWM (Pulse Width Modulation):** Used to control motors, LEDs, or actuators. * **UART/SPI/I2C:** Standard serial interfaces for communication with other ICs. --- ### 3. Application Use Cases The electronic design of the M3H63TAD-R makes it suitable for: 1. **Body Control Modules (BCM):** Managing lights, wipers, and door locks. 2. **Instrument Clusters:** Driving displays and reading fuel/speed sensors. 3. **Industrial Automation:** Localized PLC logic and sensor monitoring. --- ### 4. Circuit Protection Features As an automotive-grade part, it includes internal hardware protections: * **Watchdog Timer (WDT):** Automatically resets the chip if the software hangs. * **Brown-out Detect (BOD):** Shuts down safely if the input voltage drops too low. * **Thermal Shutdown:** Protects the silicon from melting under high-load/high-heat conditions.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M3H63TAD-R?
    • ⤷ Which manufacturer produces this specific IC part number?
    • ⤷ Can this chip be programmed using standard JTAG or SWD interfaces?