전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H63TAG-R

  • AI
    The **M3H63TAG-R** belongs to the Renesas **RA3 Series** of microcontrollers (specifically the RA3E1 group). These are 32-bit MCUs based on the Arm® Cortex®-M33 core, designed for cost-effective, low-power applications that require high performance and security. --- ### 1. Core Technical Specifications The following table summarizes the primary electronic characteristics of the M3H63TAG-R: | Feature | Specification | | :--- | :--- | | **Core Architecture** | Arm® Cortex®-M33 | | **Maximum Frequency** | 100 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 16 KB | | **Operating Voltage** | 1.6V to 5.5V | | **Package Type** | TQFP (Thin Quad Flat Package) | | **Pin Count** | 48 Pins | --- ### 2. Key Peripheral Modules The electronic design of this MCU includes several integrated blocks to handle signal processing and communication: * **Analog Capabilities:** * **12-bit ADC:** High-speed Analog-to-Digital converter for sensor interfacing. * **Temperature Sensor:** Internal sensor to monitor chip/ambient conditions. * **Connectivity:** * **SCI (Serial Communications Interface):** Supports UART, SPI, and Simple I2C. * **I2C Bus Interface:** Standard multi-master/slave communication. * **CAN:** Controller Area Network (specific to certain sub-variants in the RA3 family). * **Security & Safety:** * **True Random Number Generator (TRNG).** * **Flash Memory Protection:** To prevent unauthorized code reading. * **WDT (Watchdog Timer):** Ensures system recovery from software hangs. --- ### 3. Power Management Features The M3H63TAG-R is optimized for power-sensitive applications: 1. **Low Power Modes:** Supports Sleep, Deep Sleep, and Software Standby modes. 2. **Wide Voltage Range:** Operating down to 1.6V allows it to be powered by various battery types (e.g., Li-ion, alkaline). 3. **Fast Wake-up:** Ability to transition from low-power states to full operation quickly to minimize energy consumption during processing bursts. --- ### 4. Common Applications Due to its balance of performance and efficiency, this part is commonly found in: * **Consumer Electronics:** Small appliances and wearable devices. * **Industrial Control:** Basic motor control and sensor hubs. * **Building Automation:** Thermostats, lighting controllers, and security sensors. ---
    ✨ Follow-up Questions
    • ⤷How does the Cortex-M33 core improve security compared to older M3 cores?
    • ⤷ What are the specific power consumption figures in Software Standby mode?
    • ⤷ Which development tools are recommended for programming the RA3 series?