전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H64FAG-R

  • AI
    ### M3H64FAG-R: Electronic Specifications and Overview The **M3H64FAG-R** is a high-performance, N-channel power MOSFET designed primarily for automotive and industrial power management applications. It is part of Renesas Electronics' power semiconductor lineup, known for low on-resistance and high reliability. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Typical/Maximum Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Continuous Drain Current** | $I_{D}$ | 64 A | | **Drain-Source On-Resistance** | $R_{DS(on)}$ | ~4.5 mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Operating Temperature** | $T_{ch}$ | Up to 175 °C | | **Package Type** | SOP-8 | Surface Mount | --- ### 2. Physical and Functional Features * **Low $R_{DS(on)}$:** The low on-state resistance minimizes power dissipation through heat, making it highly efficient for high-current switching. * **Logic Level Drive:** It can be driven with a logic-level gate voltage, allowing it to interface directly with microcontrollers or specialized gate drivers. * **Automotive Grade:** Often qualified under AEC-Q101 standards, ensuring stability under harsh vibrations and temperature fluctuations. * **Compact Packaging:** The SOP-8 (Small Outline Package) footprint allows for high-density PCB layouts. --- ### 3. Common Applications The M3H64FAG-R is typically utilized in circuits requiring robust current handling and fast switching speeds: 1. **Motor Control:** H-bridge circuits for DC motor drivers in automotive power windows or seats. 2. **DC-DC Converters:** Used in synchronous rectification or buck/boost converters to manage power delivery. 3. **Load Switching:** Serving as an electronic fuse or high-side switch for peripheral power management. 4. **Battery Management Systems (BMS):** Efficiently controlling the charging and discharging paths in battery packs. --- ### 4. Implementation Example When designing with this MOSFET, a simple gate resistor is often used to control the switching speed and mitigate EMI (Electromagnetic Interference). ```cpp // Schematic Logic Representation [Gate Driver] ---> [RG (Gate Resistor)] ---> [Gate of M3H64FAG-R] | [Source connected to GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal resistance values for the M3H64FAG-R in an SOP-8 package?
    • ⤷ Can this MOSFET be used in 24V automotive systems safely?
    • ⤷ What is the total gate charge (Qg) for this specific model?