전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H64FDD-R

  • AI
    The **M3H64FDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. This series is built on the **ARM® Cortex®-M3** core and is designed primarily for industrial applications, home appliances, and motor control. --- ## 1. Technical Specifications Below is a breakdown of the core electronic specifications for the M3H64FDD-R: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (depending on clock config) | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14x14mm) | | **Operating Temperature** | -40°C to 85°C | --- ## 2. Key Internal Components The "Electronic Parts" within this SoC (System on Chip) include several specialized peripherals: ### A. Motor Control Hardware (A-PMD) The device features an **Advanced Programmable Motor Driver (A-PMD)**. This circuit allows for: * 3-phase complementary PWM output. * Automatic dead-time insertion. * Emergency stop functions via external input. ### B. Analog-to-Digital Converter (ADC) It contains a high-speed **12-bit ADC** (approx. 21 channels). This is critical for sensing current and voltage in real-time to adjust motor speed or torque. ### C. Communication Interfaces The chip integrates multiple serial communication blocks: * **UART:** For asynchronous data transfer. * **I2C:** For peripheral sensor communication. * **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI). --- ## 3. Part Number Decoder The nomenclature **M3H64FDD-R** follows Toshiba's specific coding: * **M3H:** The Group/Series (Cortex-M3 High-speed). * **64:** Pin count indicator (though often associated with 100-pin LQFP in this specific series). * **F:** Indicates Flash Memory. * **DD:** Memory density code (512KB Flash). * **-R:** Usually denotes "RoHS compliant" or specific "Reel" packaging for automated assembly. --- ## 4. Typical Application Circuit When designing with this part, engineers typically include the following external components: ```cpp // Example: Conceptual GPIO Configuration for M3H Series void GPIO_Init() { // Enable Clock for Port A TSB_CG_FSYSMASK |= (1 << 3); // Set PA0 as Output for Status LED TSB_PA_CR = 0x01; TSB_PA_DATA = 0x01; // Drive High } ``` * **Bypass Capacitors:** 0.1µF ceramics near every VDD/VSS pair. * **Oscillator:** A 10MHz to 20MHz Crystal (XTAL) with load capacitors. * **Reset Circuit:** A simple RC network or a dedicated Voltage Supervisor IC.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H64FDD-R in sleep mode?
    • ⤷ Does this microcontroller support Vector Control for brushless DC motors?
    • ⤷ What is the difference between the 'DD' and 'SD' memory suffixes in this series?