전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H65TAG-R

  • AI
    The **M3H65TAG-R** belongs to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers manufactured by **Toshiba**. This series is based on the ARM® Cortex®-M3 core and is specifically designed for high-speed data processing and consumer/industrial motor control applications. Below is a detailed breakdown of its electronic specifications and features. --- ## 1. Core and Performance The heart of the M3H65TAG-R is a high-performance RISC processor optimized for efficiency. | Feature | Specification | | :--- | :--- | | **Processor Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Instruction Set** | Thumb-2 technology for high code density | --- ## 2. Memory Configuration This specific variant is equipped with integrated flash memory and SRAM to handle complex firmware and data buffering. * **Code Flash:** 128 KB (Typical for the '6' series in this group). * **Data Flash:** 32 KB (Dedicated for data storage with high rewrite cycles). * **SRAM:** 12 KB + 2 KB (Backup SRAM). --- ## 3. Peripheral and Analog Integration The M3H65TAG-R is highly integrated, reducing the need for external components in motor control or sensing circuits. ### A. Analog Functions * **12-bit ADC:** High-speed Analog-to-Digital converter (approx. 1.0 $\mu$s conversion time). * **8-bit DAC:** Dual-channel Digital-to-Analog converter. * **On-chip Comparator:** Useful for over-current detection in power circuits. ### B. Timers and Control * **A-T4PG (Advanced Timer for Programmable Gate):** Specialized for 3-phase PWM output used in Brushless DC (BLDC) motor control. * **Real-Time Clock (RTC):** For time-keeping and low-power wake-up. ### C. Communication Interfaces * **UART / I2C / SPI:** Standard serial communication protocols. * **Remote Control Signal Preprocessor:** Hardware support for decoding infrared remote signals. --- ## 4. Physical Characteristics | Attribute | Detail | | :--- | :--- | | **Package Type** | TQFP64 (Standard 10mm x 10mm body) | | **Pin Count** | 64 Pins | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ## 5. Key Applications Because of its high-speed Cortex-M3 core and specific motor-control timers, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners, and refrigerators (Inverter control). 2. **Industrial Equipment:** Small-scale motor drivers and sensor hubs. 3. **Consumer Electronics:** Remote control units and smart home devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M3H and M4H groups in Toshiba's TXZ+ family?
    • ⤷ Does the M3H65TAG-R support hardware encryption or security features?
    • ⤷ How do I set up the A-T4PG timer for 3-phase motor control?