전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H65TDD-R

  • AI
    The **M3H65TDD-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is designed by manufacturers like ROHM Semiconductor for high-efficiency power conversion. --- ### 1. Technical Specifications The following table summarizes the key electrical characteristics of the M3H65TDD-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage across drain and source. | | **Drain Current ($I_D$)** | ~30A - 50A | Continuous current capacity (temperature dependent). | | **On-Resistance ($R_{DS(on)}$)** | ~65mΩ | Low resistance to minimize conduction losses. | | **Material** | Silicon Carbide (SiC) | Wide bandgap material for high efficiency. | | **Package** | TO-247N | Standard through-hole power package. | | **Gate Drive Voltage** | 18V (Typ) | Optimal voltage for full turn-on. | --- ### 2. Key Features * **Reduced Switching Losses:** SiC technology allows for significantly faster switching speeds compared to traditional Silicon (Si) MOSFETs or IGBTs. * **High Thermal Conductivity:** SiC dissipates heat more effectively, allowing the component to operate at higher power densities. * **Body Diode Performance:** Features a fast recovery body diode with very low $Q_{rr}$ (Reverse Recovery Charge), reducing noise and energy loss. * **High Temperature Operation:** Rated for stable performance even at elevated junction temperatures (up to 175°C). --- ### 3. Applications Due to its 650V rating and high efficiency, the M3H65TDD-R is commonly used in the following areas: 1. **EV Charging Stations:** Used in DC-DC converters and AC-DC rectifiers for fast charging. 2. **Solar Inverters:** Enhances the efficiency of Photovoltaic (PV) string inverters. 3. **Server Power Supplies:** Critical for 80 Plus Titanium/Platinum efficiency ratings in data centers. 4. **Uninterruptible Power Supplies (UPS):** Provides reliable high-speed switching for power backup. --- ### 4. Comparison: SiC vs. Standard Silicon Compared to standard Silicon MOSFETs, the M3H65TDD-R offers: * **70-90% reduction** in switching energy loss. * **Smaller footprint** for cooling systems (heatsinks). * **Higher frequency** operation, allowing for smaller inductors and capacitors.
    ✨ Follow-up Questions
    • ⤷ How does the gate drive circuit for a SiC MOSFET differ from a standard Silicon MOSFET?
    • ⤷ What are the specific thermal management requirements for the TO-247N package?
    • ⤷ Can you explain the significance of the 650V rating in residential vs industrial power systems?