전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H66TAG-R

  • AI
    The **M3H66TAG-R** is a high-performance, automotive-grade System-on-Chip (SoC) belonging to the **Renesas R-Car M3** series. It is specifically engineered for use in Integrated Cockpits, In-Vehicle Infotainment (IVI), and advanced human-machine interface (HMI) systems. --- ### 1. Core Architecture The M3H66TAG-R utilizes a heterogeneous architecture to balance high-speed processing with power efficiency. | Component | Specification | | :--- | :--- | | **Main CPU** | Dual-core Arm® Cortex®-A57 and Quad-core Arm® Cortex®-A53 | | **Real-time CPU** | Dual-core Arm® Cortex®-R7 (for safety and fast-boot tasks) | | **Graphics (GPU)** | Imagination Technologies PowerVR™ GX6650 | | **Fabrication** | 16nm FinFET process | --- ### 2. Key Multimedia & Image Processing This chip is designed to handle multiple displays and camera inputs simultaneously, which is critical for modern digital cockpits. * **Video Processing Unit (VPU):** Supports multi-stream high-definition video encoding and decoding (H.265, H.264). * **Image Recognition:** Features hardware accelerators for ADAS-lite functions, such as lane departure warning and object detection. * **Display Output:** Supports multiple independent displays (e.g., Digital Instrument Cluster + Center Information Display). --- ### 3. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Memory Interface** | LPDDR4-SDRAM (32-bit x 2 ch) | | **Storage** | HyperFlash™, eMMC 5.0, and SD Card interfaces | | **Connectivity** | Ethernet AVB, USB 3.0/2.0, CAN-FD, and PCIe | | **Audio** | Multi-channel digital audio interface with dedicated DSP | | **Operating Temp** | Automotive Grade (-40°C to +105°C Case Temperature) | --- ### 4. Safety and Security The "TAG-R" variant often denotes specific packaging or qualification levels for automotive reliability. * **ASIL Support:** Designed to support ISO 26262 functional safety requirements. * **Security:** Includes a Hardware Security Module (HSM) for secure boot, encryption, and protection against unauthorized software updates. --- ### 5. Common Use Cases 1. **Digital Clusters:** Rendering complex 3D gauges and needles with zero lag. 2. **Infotainment:** Running Android™ or Automotive Grade Linux (AGL) for media and navigation. 3. **Surround View:** Stitching images from 4+ cameras to provide a 360-degree bird's-eye view of the vehicle.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the R-Car M3 and the R-Car H3 series?
    • ⤷ Does the M3H66TAG-R support Android Automotive OS out of the box?
    • ⤷ What power management ICs (PMICs) are typically paired with this SoC?