전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H68TCG-R

  • AI
    The **M3H68TCG-R** is an automotive-grade power MOSFET module, typically designed for high-current and high-reliability applications such as Electric Vehicles (EVs) and Hybrid Electric Vehicles (HEVs). --- ## 1. Component Overview The device is a **N-Channel Trench MOSFET** module characterized by low "On-Resistance" and high thermal efficiency. It is often used in power conversion systems. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | N-Channel MOSFET | | **Grade** | Automotive (AEC-Q101 Compliant) | | **Configuration** | Single or Half-Bridge (Package Dependent) | | **Application** | Motor Drive, DC-DC Conversion, Battery Management | --- ## 2. Key Technical Characteristics ### A. Power Handling The "68" in the part number often refers to the voltage or current rating (common in industry naming conventions). It is designed to handle high peak currents required for starting motors or managing heavy inductive loads. ### B. Trench Technology It utilizes **Trench Gate** architecture. This design reduces the drain-to-source resistance ($R_{DS(on)}$), which: - Minimizes power loss during operation. - Reduces heat generation. - Allows for a more compact silicon die. ### C. Thermal Management The "R" suffix often denotes specific packaging or RoHS compliance enhancements. The package is designed for low thermal resistance, allowing heat to transfer efficiently from the junction to the heatsink. --- ## 3. Pinout and Internal Logic While specific pinouts depend on the physical package (such as a TO-247 or a Power Module), the internal logic follows standard MOSFET behavior: ```mermaid graph LR G[Gate: Controls Switching] --> Channel D[Drain: Input Power] --> Channel Channel --> S[Source: Output/Ground] ``` ### Typical Circuit Integration When used in an automotive environment, this part is usually driven by a **Gate Driver IC** to ensure fast switching and to overcome the internal capacitance of the high-power MOSFET. --- ## 4. Typical Applications 1. **Electric Power Steering (EPS):** Providing the high current necessary for steering motors. 2. **Integrated Starter Generator (ISG):** Handling the transition between battery power and engine cranking. 3. **HVAC Compressors:** Managing the power for air conditioning systems in EVs.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the M3H68TCG-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended gate driver ICs for this MOSFET?