전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H71FCD-R

  • AI
    The **M3H71FCD-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Class, manufactured by **Toshiba**. This specific microcontroller (MCU) is based on the **ARM® Cortex®-M3** core and is designed for high-performance motor control and consumer industrial applications. Below is a detailed breakdown of its electronic specifications and internal components. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory (Code)** | 256 KB | | **SRAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Internal Electronic Parts The M3H71FCD-R integrates several specialized hardware blocks that reduce the need for external components: #### A. Analog-to-Digital Converter (ADC) * **Resolution:** 12-bit. * **Speed:** High-speed conversion (approx. 1.0 $\mu$s). * **Usage:** Used for sensing motor current, temperature, and voltage levels in real-time. #### B. Advanced Programmable Motor Control (A-PMD) * This is a dedicated hardware logic block designed for 3-phase motor control. * It generates PWM (Pulse Width Modulation) signals with dead-time insertion to prevent short circuits in power stages. #### C. Connectivity Interfaces The chip includes standard communication peripherals to interface with other electronic parts: * **UART:** For serial communication. * **I2C:** For sensor integration. * **TSPI:** High-speed serial peripheral interface. #### D. Safety and Reliability Features * **Hardware CRC:** Ensures data integrity in memory. * **RAM Parity:** Detects memory errors. * **Clock Monitor:** Monitors for oscillator failure. --- ### 3. Application Areas Because of its high frequency and specialized motor control timers, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Small pumps, fans, and factory automation sensors. 3. **Consumer Electronics:** Devices requiring low power consumption during standby. --- ### 4. Comparison with Related Models The "M3H" series scales based on memory and pin count. The **FCD-R** suffix specifically denotes the 256KB Flash capacity and the LQFP100 package. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H71FCD-R in standby mode?
    • ⤷ Which development tools or IDEs support programming the Toshiba TXZ+ family?
    • ⤷ How does the A-PMD block simplify 3-phase motor control design?