전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H72FBG-R

  • AI
    The **M3H72FBG-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Class, manufactured by **Toshiba**. This microcontroller (MCU) is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Components & Architecture The internal architecture of the M3H72FBG-R consists of several specialized blocks: #### A. Processing Unit * **Cortex-M3 Core:** Optimized for low-power consumption and high-efficiency 32-bit processing. * **Interrupt Controller (NVIC):** Supports high-speed interrupt handling for real-time responsiveness. #### B. Analog-to-Digital Conversion (ADC) This part includes a high-speed **12-bit ADC**. It is a critical component for sensing sensor data, monitoring voltages, and feedback loops in motor control applications. #### C. Timers and PWM (Motor Control) * **A-PMD (Advanced Programmable Motor Control):** A specialized hardware block designed to control 3-phase motors (BLDC/PMSM) with minimal CPU intervention. * **32-bit/16-bit Timers:** Used for pulse width modulation (PWM) and signal measurement. #### D. Communication Interfaces The MCU integrates various hardware peripherals to communicate with other electronic parts: * **UART:** For serial communication. * **I2C:** For peripheral sensor interfacing. * **TSPI:** High-speed serial peripheral interface. --- ### 3. Application Use Cases Because of its high clock speed (120MHz) and 5V operation support, the M3H72FBG-R is commonly found in: 1. **Home Appliances:** Washing machines, refrigerators, and air conditioners. 2. **Industrial Equipment:** Small-scale motor drivers and factory automation sensors. 3. **Consumer Electronics:** Devices requiring robust noise immunity and stable 5V logic. --- ### 4. Implementation Example To initialize the system clock on this MCU, the register-level configuration typically follows the ARM CMSIS standard: ```c #include "TXZ_M3H.h" void System_Init(void) { /* Enable external high-speed oscillator */ TSB_CG_OSCCR_HOSCON = 1; /* Wait for stabilization */ while(TSB_CG_OSCCR_HOSCST == 0); /* Set PLL to achieve 120MHz */ TSB_CG_PLL0SEL_PLL0ON = 1; } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H and M4K Toshiba MCU series?
    • ⤷ How does the A-PMD block simplify 3-phase motor control?
    • ⤷ Does this MCU support functional safety standards like IEC 60730?