전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H73FAG-R

  • AI
    The **M3H73FAG-R** is a specific part number belonging to the **M3H Group** of microcontrollers within Toshiba’s **TXZ+™ Family Advanced Series**. These microcontrollers are based on the ARM® Cortex®-M3 core and are designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP64 (10mm x 10mm) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Functional Blocks and Features #### A. High-Precision Analog * **ADC (Analog-to-Digital Converter):** It features a high-speed 12-bit ADC (approx. 1.5 $\mu$s conversion time) used for precise sensor readings in motor control. * **DAC (Digital-to-Analog Converter):** Includes 8-bit DAC channels for signal generation. #### B. Motor Control Peripherals * **A-PMD (Advanced Programmable Motor Driver):** A specialized hardware block that handles PWM generation for 3-phase BLDC motor control, reducing CPU load. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder inputs for position and speed sensing. #### C. Connectivity and I/O * **UART/SIO:** Up to 4 channels for serial communication. * **I2C:** Supports multi-master mode. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data exchange. --- ### 3. Application Use Cases The M3H73FAG-R is optimized for scenarios where low power consumption and high-speed processing are required simultaneously: 1. **Home Appliances:** Washing machines, refrigerators, and air conditioners (inverter control). 2. **Industrial Equipment:** Small-scale factory automation and pump controllers. 3. **Office Automation:** Printers and scanners where motor precision is critical. --- ### 4. Naming Convention Breakdown The part number follows Toshiba’s standard coding: * **M3H:** ARM Cortex-M3 High-speed group. * **7:** Refers to the specific functional pin count and memory density scale. * **3:** Indicates Flash memory size (128KB). * **FAG:** Package and feature set identifier. * **-R:** Indicates "RoHS compliant" or "Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H73FAG-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ Which development tools or IDEs are compatible with the TXZ+ series?