전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H75FBG-R

  • AI
    The **M3H75FBG-R** is a high-performance power semiconductor, specifically an **N-Channel Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). This component is designed for efficient power switching and conversion in automotive and industrial applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M3H75FBG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 75V | | **Continuous Drain Current** | $I_D$ | 120A - 150A (Depending on cooling) | | **On-Resistance** | $R_{DS(on)}$ | ~2.5 mΩ to 3.5 mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Package | TO-263 (D2PAK) or similar surface mount | | **Operating Temperature** | $T_j$ | -55°C to 175°C | --- ### 2. Functional Characteristics The "M3" series usually refers to a specific generation of trench technology, which optimizes the internal structure for better performance: * **Low $R_{DS(on)}$:** The extremely low internal resistance reduces power loss during the "ON" state, which prevents the device from overheating and improves overall system efficiency. * **High Current Handling:** Capable of managing high surge currents, making it suitable for motor control and battery management. * **AEC-Q101 Qualified:** Often used in automotive environments, meaning it is tested for high reliability under extreme vibration and temperature fluctuations. * **Fast Switching:** Optimized gate charge ($Q_g$) allows for rapid transitions between ON and OFF states, which is critical for High-Frequency PWM (Pulse Width Modulation). --- ### 3. Typical Applications The M3H75FBG-R is commonly integrated into the following systems: 1. **Automotive Power Train:** Used in 48V mild-hybrid systems and DC-DC converters. 2. **Motor Drives:** Controlling BLDC (Brushless DC) motors in power tools or electric fans. 3. **Load Switching:** Acting as a solid-state relay to turn high-power loads on and off. 4. **Battery Management Systems (BMS):** Providing protection and cell balancing for lithium-ion battery packs. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as an N-Channel MOSFET with three pins: `G` = **Gate** (Control signal input) `D` = **Drain** (Connected to the load/high voltage) `S` = **Source** (Connected to ground or common return) ```text (D) Drain | --+-- | |--- (G) Gate --+-- | (S) Source ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the M3H75FBG-R at maximum current?
    • ⤷ How does its Rds(on) change with temperature?
    • ⤷ Is there a P-channel equivalent for complementary circuit designs?