전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H75FDD-R

  • AI
    The **M3H75FDD-R** is a high-performance, N-channel enhancement mode Power MOSFET designed primarily for automotive and industrial power management applications. It is manufactured by **STMicroelectronics** (as part of their STripFET™ VII DeepGATE™ series). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical parameters of the M3H75FDD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 V | | **Continuous Drain Current** | $I_D$ | 75 A (at 25°C) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.8 mΩ (at $V_{GS}$ = 10V) | | **Total Gate Charge** | $Q_g$ | ~35 nC | | **Package Type** | DPAK | TO-252 | | **Operating Temperature** | $T_j$ | -55 to 175 °C | --- ### 2. Core Features & Technology * **STripFET™ VII DeepGATE™ Technology:** This architecture is optimized to provide a very low on-state resistance ($R_{DS(on)}$) while maintaining low gate charge. This minimizes both conduction losses and switching losses. * **AEC-Q101 Qualified:** This part is often produced to meet automotive reliability standards, meaning it can withstand harsh environments and high-vibration scenarios. * **Logic Level Drive:** It is designed to be fully turned on with logic-level gate voltages, making it compatible with many microcontrollers and dedicated gate driver ICs. * **High Avalanche Ruggedness:** The device is designed to handle "avalanche" energy (voltage spikes) without immediate failure, which is critical in inductive load switching (like motors). --- ### 3. Application Use Cases Due to its high current handling and low thermal resistance, the M3H75FDD-R is commonly used in: 1. **Switching Regulators:** Used in DC-DC converters for power distribution. 2. **Motor Control:** Ideal for H-bridge configurations in automotive power steering or window lifts. 3. **Power Management:** Battery protection circuits and "OR-ing" FET applications. 4. **Load Switching:** Acting as a solid-state relay to turn high-current peripherals on and off. --- ### 4. Thermal & Mechanical Considerations The **DPAK (TO-252)** package is a surface-mount device. Because this MOSFET can handle 75A, thermal management is vital: * **Heatsinking:** The large metal tab (Drain) must be soldered to a significant copper plane on the PCB to dissipate heat. * **Resistance:** The ultra-low $R_{DS(on)}$ of 2.8 mΩ ensures that even at high currents, the heat generated ($P = I^2 \times R$) remains manageable compared to standard MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the M3H75FDD-R package?
    • ⤷ Can this MOSFET be used in a 48V automotive system
    • ⤷ or is it limited to 12V?
    • ⤷ What is the recommended gate driver voltage for optimal switching efficiency?