전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H75TAD-R

  • AI
    The **M3H75TAD-R** is a high-performance power MOSFET module commonly used in automotive and industrial applications. It is designed for high-current switching and efficient power management. ### 1. Technical Specifications Below are the primary electrical characteristics for the M3H75TAD-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 75V | | **Continuous Drain Current ($I_D$)** | ~100A - 150A (Package dependent) | | **On-Resistance ($R_{DS(on)}$)** | Low resistance (typically < 5mΩ) | | **Package Type** | Surface Mount (often TO-263 / D2PAK variant) | | **Configuration** | Single or Dual (application specific) | --- ### 2. Key Features * **AEC-Q101 Qualified:** This part is built to automotive standards, meaning it can withstand extreme temperature fluctuations and mechanical vibrations. * **Low Thermal Resistance:** Designed with a specialized lead frame to dissipate heat quickly to the PCB or heatsink. * **High Switching Speed:** Optimized gate charge ($Q_g$) allows for high-frequency PWM (Pulse Width Modulation) control. * **Avalanche Ruggedness:** Capable of handling inductive energy spikes without immediate failure. --- ### 3. Common Applications The M3H75TAD-R is typically found in the following electronic systems: 1. **Electric Power Steering (EPS):** Used in the H-bridge circuits to control motor direction and torque. 2. **DC-DC Converters:** Acts as a high-side or low-side switch in buck/boost converters for automotive voltage regulation. 3. **Battery Management Systems (BMS):** Used for load switching and protection circuits in Lithium-ion battery packs. 4. **Motor Drives:** Efficiently driving brushless DC (BLDC) motors in industrial tools or automotive fans. --- ### 4. Circuit Implementation Example When designing with this part, a gate driver IC is usually required to ensure the MOSFET transitions between "On" and "Off" states rapidly to minimize switching losses. ```cpp // Logic representation of a PWM Switch using M3H75TAD-R void driveMotor(int dutyCycle) { if (dutyCycle > 0) { setGateHigh(M3H75TAD_PIN); // Turn MOSFET ON delayMicroseconds(dutyCycle); setGateLow(M3H75TAD_PIN); // Turn MOSFET OFF } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H75TAD-R?
    • ⤷ How does its RDS(on) value compare to standard consumer MOSFETs?
    • ⤷ Which manufacturers produce this specific part number?