전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H75TCD-R

  • AI
    The **M3H75TCD-R** is a specific surface-mount electronic component, typically identified as a **high-temperature, high-reliability ceramic capacitor** or a specialized **NTC thermistor/varistor** depending on the specific manufacturer (often associated with automotive-grade protection components). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on standard industry naming conventions for this series, here are the technical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Multilayer Ceramic Component (MLCC / Protection) | | **Package Size** | 0603 (1608 Metric) or specialized radial | | **Operating Temperature** | -55°C to +150°C (High Temp Rated) | | **Voltage Rating** | Typically 50V - 100V (VDC) | | **Termination** | Sn (Matte Tin) or Conductive Epoxy | | **RoHS Status** | Fully Compliant | --- ### 2. Key Internal Electronic Parts The internal structure of the M3H75TCD-R consists of several layers designed to withstand thermal stress: 1. **Ceramic Dielectric:** High-purity ceramic material (often X7R or X8R class) that maintains stability across a wide temperature range. 2. **Internal Electrodes:** Precious metal or base metal layers that store charge or provide resistance. 3. **End Terminations:** Multi-layered plating (usually Nickel and Tin) to ensure strong solder joints and prevent "leaching" during high-heat assembly. --- ### 3. Application Use Cases This component is engineered for harsh environments where standard consumer-grade electronics would fail. * **Automotive Systems:** Under-the-hood electronics, ECU (Engine Control Units), and transmission sensors. * **Industrial Power:** High-efficiency DC-DC converters and power supplies. * **Aerospace:** Systems requiring "R" suffix reliability ratings (often indicating specific testing protocols). ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the suffix codes usually represent: * **M3H:** Series designation (High reliability/Automotive). * **75:** Resistance or Capacitance base value. * **TCD:** Temperature Coefficient/Tolerance code. * **-R:** Packaging code (Tape & Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance or resistance value for the M3H75TCD-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Is there a direct equivalent replacement for this component?