전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H76TAD-R

  • AI
    The **M3H76TAD-R** is a high-performance Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in automotive and industrial power management applications. It is manufactured by **Renesas Electronics**. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Standard polarity for high-side/low-side switching | | **Drain-Source Voltage ($V_{DSS}$)** | 40V | Maximum voltage across Drain and Source | | **Drain Current ($I_D$)** | ~130A | Continuous current handling capability | | **$R_{DS(on)}$ (Max)** | ~1.3 mΩ | Resistance when "ON" (very low for efficiency) | | **Package** | HPAK / TO-252 variant | Surface-mount package with high thermal dissipation | | **Operating Temp** | -55°C to +175°C | Automotive grade temperature range | ### 2. Core Electronic Features * **Logic Level Drive:** The gate-source threshold voltage is designed to allow the MOSFET to be fully turned on by standard logic circuits (e.g., 5V or 10V), reducing the need for complex gate drivers. * **Low $R_{DS(on)}$:** This is a "Trench" technology MOSFET. The extremely low internal resistance minimizes power loss through heat, making it highly efficient for high-current applications. * **AEC-Q101 Qualified:** This part is tested to meet automotive reliability standards, ensuring it can withstand vibration, thermal cycling, and harsh environments. * **Avalanche Ruggedness:** It is designed to handle "avalanche" events (voltage spikes) without immediate failure, which is critical in inductive load switching (like motors). ### 3. Typical Applications * **Electric Power Steering (EPS):** Due to its high current capacity and reliability. * **DC-DC Converters:** Used as a switching element to step down battery voltages. * **Motor Control:** Driving BLDC (Brushless DC) motors in automotive pumps or fans. * **Load Switches:** Acting as an electronic fuse or relay to turn high-power modules on and off. ### 4. Pin Configuration (HPAK Package) 1. **Gate (G):** Controls the switching (on/off). 2. **Drain (D):** Connected to the load (usually the metal tab for cooling). 3. **Source (S):** Connected to the ground or return path. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M3H76TAD-R?
    • ⤷ How does the HPAK package compare to a standard TO-220 in thermal performance?
    • ⤷ Can this MOSFET be used in a 24V automotive system safely?