전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H77TBD-R

  • AI
    The **M3H77TBD-R** refers to a specific motherboard model, typically associated with the **ASUS** M32 series or similar desktop workstations. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Technical Specifications The M3H77TBD-R is built on the **Intel H77 Express Chipset**, which was designed to support the 2nd and 3rd Generation Intel Core processors. | Component | Specification | | :--- | :--- | | **Chipset** | Intel H77 Express | | **CPU Socket** | LGA 1155 | | **Memory Slots** | 2x DDR3 DIMM (Supports up to 16GB) | | **Form Factor** | Micro-ATX (uATX) | | **Expansion Slots** | 1x PCIe x16, 1x PCIe x1, 1x Mini-PCIe | | **Storage** | SATA 6Gb/s and SATA 3Gb/s ports | --- ### 2. Key Electronic Sections #### A. Power Management (VRM) The motherboard features a **Voltage Regulator Module (VRM)** section located near the CPU socket. This consists of: * **MOSFETs:** High-frequency switches that step down the 12V power from the PSU to the CPU Core voltage (Vcore). * **Solid Capacitors:** Used for filtering and stabilizing electrical noise to ensure the CPU receives "clean" power. * **Chokes (Inductors):** Ferrite core chokes that store energy and smooth the current. #### B. Connectivity & I/O Controllers * **Super I/O Chip:** Usually a Nuvoton or ITE chip that manages low-speed devices like the keyboard, mouse, and system monitoring (fan speeds and temperatures). * **Audio Codec:** Integrated Realtek High Definition Audio chip providing multi-channel sound output. * **Ethernet Controller:** Realtek Gigabit LAN controller for high-speed wired networking. #### C. Integrated Interfaces * **USB 3.0:** Native support via the H77 chipset for faster data transfer compared to USB 2.0. * **Display Outputs:** Typically includes HDMI, DVI, and VGA (D-Sub) to utilize the Intel HD Graphics integrated into the CPU. --- ### 3. BIOS and Firmware The board uses a **UEFI BIOS** stored on a SPI Flash ROM chip. This firmware initializes the hardware during the POST (Power-On Self-Test) process and provides a graphical interface for adjusting system settings like boot order and power management. --- ### 4. Expansion and Layout * **Mini-PCIe Slot:** Often used in these specific OEM boards for a Wi-Fi/Bluetooth combo card. * **Front Panel Headers:** Standardized pins for the power button, reset button, and HDD activity LED.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPUs for the LGA 1155 socket on this board?
    • ⤷ Can this motherboard support DDR4 RAM if an adapter is used?
    • ⤷ What is the maximum data transfer speed of the SATA ports on the H77 chipset?