전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H78FAD-R

  • AI
    The **M3H78FAD-R** is an electronic component manufactured by **Alps Alpine**. It is a high-precision, small-form-factor **Magnetic Sensor** (specifically a Magnetoresistive or AMR sensor) typically used for detecting rotation, position, or speed in consumer electronics and automotive peripherals. --- ## 1. Core Technical Specifications The following table outlines the primary electronic characteristics of the M3H78FAD-R: | Feature | Specification | | :--- | :--- | | **Component Type** | AMR (Anisotropic Magnetoresistive) Sensor | | **Output Type** | Analog (Sin/Cos or Differential) | | **Supply Voltage (Vcc)** | 3.0V to 5.0V (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Style** | Surface Mount (SMD / SOP) | | **Sensitivity** | High sensitivity to magnetic field direction | --- ## 2. Internal Electronic Structure The device functions based on the **Magnetoresistive Effect**, where the electrical resistance of a material changes in response to an external magnetic field. ### Key Components: * **Permalloy Bridge:** The sensor contains thin-film permalloy resistors arranged in a Wheatstone bridge configuration. * **Differential Output:** It provides two output signals (Sine and Cosine phases) which allow a microcontroller to calculate the absolute angle of a rotating magnet. * **Low Noise Floor:** Designed to maintain signal integrity even in electromagnetically noisy environments. --- ## 3. Applications and Use Cases Because of its high precision and small footprint, the M3H78FAD-R is commonly integrated into the following systems: 1. **Rotary Encoders:** Used in volume knobs, jog dials, and industrial control panels. 2. **Brushless DC (BLDC) Motors:** Provides rotor position feedback for motor commutation. 3. **Automotive Sensors:** Used in steering angle sensors or pedal position sensing. 4. **Camera Modules:** Specifically for lens position control in auto-focus or zoom mechanisms. --- ## 4. Implementation Example (Basic Logic) To interface this sensor with an MCU (like an Arduino or STM32), the analog outputs are typically fed into an ADC. ```cpp // Pseudocode for reading M3H78FAD-R Angle float getAngle() { int sinVal = analogRead(PIN_SIN); int cosVal = analogRead(PIN_COS); // Use atan2 to calculate the angle from the magnetic vectors float radians = atan2(sinVal, cosVal); float degrees = radians * (180.0 / PI); return degrees; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M3H78FAD-R package?
    • ⤷ How does this AMR sensor compare to a Hall Effect sensor in terms of accuracy?
    • ⤷ What are the recommended pull-up or pull-down resistor values for the output lines?