전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H78FDD-R

  • AI
    The **M3H78FDD-R** belongs to the **M3H series** of microcontrollers developed by Toshiba. This series is built on the high-performance **ARM® Cortex®-M3** core and is specifically designed for high-speed data processing, motor control, and industrial automation. --- ### 1. Core Technical Specifications The "M3H" group is optimized for precision control. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Maximum Frequency** | Up to 40 MHz - 120 MHz (Model dependent) | | **Supply Voltage** | 2.7V to 5.5V (Single supply) | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Internal Components The electronic architecture of the M3H78FDD-R integrates several critical peripherals to handle complex analog and digital tasks: #### A. Memory Subsystem * **Flash Memory:** Integrated high-speed flash for program storage. * **SRAM:** Dedicated internal RAM for data handling and stack operations. #### B. Precision Analog Front-End * **12-bit ADC:** High-speed Analog-to-Digital converters (multiple channels) for sensor data acquisition. * **DAC:** Digital-to-Analog converters for waveform generation or reference voltages. #### C. Specialized Timers (TKK) * Equipped with **Advanced Programmable Motor Control (A-PMD)**. * Supports 3-phase PWM output with dead-time insertion, essential for driving inverter circuits and brushless DC (BLDC) motors. #### D. Communication Interfaces * **UART / I2C / SPI:** Standard serial communication for interfacing with external sensors or other MCUs. * **Remote Control Signal Preprocessor:** Integrated hardware to decode infrared or remote signals without CPU overhead. --- ### 3. Application Use Cases Due to its 5V operation capability and robust ARM core, this part is commonly found in: 1. **Consumer Electronics:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Small-scale PLC logic, motor drives, and sensor hubs. 3. **Office Automation:** Printers and scanners requiring precise motor positioning. --- ### 4. Part Number Breakdown (Nomenclature) * **M3H:** Toshiba TXZ Family (Cortex-M3 High-speed line). * **78:** Specific sub-group/pin-count identifier. * **FDD:** Memory density code (Flash size). * **R:** Packaging/Tape & Reel designation.
    ✨ Follow-up Questions
    • ⤷ What are the specific Flash and RAM sizes for the FDD density code?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools or IDEs are compatible with the Toshiba M3H series?