전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H78TBD-R

  • AI
    The **M3H78TBD-R** is an evaluation or development board based on the **Renesas M3H group** of microcontrollers (part of the RA or Synergy-adjacent 32-bit MCU families, specifically the **T-Engine** or specialized industrial reference designs). Below is a breakdown of the electronic components and technical specifications typically found on this board. --- ### 1. Core Microcontroller (MCU) Specifications The heart of the board is the M3H series MCU, which is designed for high-performance industrial and consumer motor control. | Feature | Specification | |:---|:---| | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 40 MHz - 80 MHz (variant dependent) | | **Flash Memory** | 128 KB - 512 KB | | **SRAM** | 32 KB - 64 KB | | **Operating Voltage** | 2.7V to 5.5V | --- ### 2. Key Peripheral Components The board populates various hardware interfaces to test the MCU's capabilities: * **Power Management:** Includes a voltage regulator (LDO) to step down external DC power (usually 5V or 9V) to the 3.3V/5.0V required by the MCU. * **Clock Circuitry:** * Main crystal oscillator (typically 8MHz or 12MHz). * Sub-clock oscillator (32.768 kHz) for Real-Time Clock (RTC) functions. * **Connectivity Ports:** * **UART/USB:** Often includes a USB-to-Serial bridge (like an FTDI or Silicon Labs chip) for PC debugging. * **JTAG/SWD:** A 10-pin or 20-pin header for connecting external debuggers like J-Link or E2 Emulator. * **User Interface:** * **LEDs:** Status indicators for Power, User-defined logic, and Serial activity. * **Switches:** Reset button and user-programmable push buttons. --- ### 3. Pin Mapping and Expansion The "TBD" in the part number often refers to the **Target Board** designation in the Renesas ecosystem, designed to fit into specific breadboard or daughter-card configurations. ```mermaid graph LR A[Power Input] --> B(Voltage Regulator) B --> C{M3H MCU} C --> D[GPIO Headers] C --> E[UART/USB Port] C --> F[JTAG/SWD Debug] C --> G[Analog Inputs] ``` ### 4. Common Applications Due to the M3H core's focus, this board is primarily used for developing: 1. **Motor Control:** Using the built-in Advanced Timer Units. 2. **Home Appliances:** Control logic for washing machines or air conditioners. 3. **Industrial Sensors:** Utilizing the high-precision 12-bit ADC. ---
    ✨ Follow-up Questions
    • ⤷What are the specific debugging tools compatible with the M3H78TBD-R?
    • ⤷ Does this board support CAN bus communication?
    • ⤷ Where can I download the schematic for this specific Renesas board?