전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H78TCG-R

  • AI
    The **M3H78TCG-R** is a high-performance, automotive-grade integrated circuit (IC) primarily used in advanced driver-assistance systems (ADAS) and high-speed data transmission. It is typically identified as a **GMSL2 (Gigabit Multimedia Serial Link) Deserializer**. --- ### 1. Key Technical Specifications The device is designed to receive high-speed serialized data from cameras or sensors and convert it back into a format that a processor (SoC) can understand. | Parameter | Specification | | :--- | :--- | | **Interface Type** | GMSL2 (Gigabit Multimedia Serial Link) | | **Input Channels** | High-speed differential pairs (STP/Coax) | | **Output Interface** | MIPI CSI-2 (Multiple lanes) | | **Data Rate** | Up to 6 Gbps per link | | **Operating Temp** | -40°C to +105°C (Grade 2) | | **Package** | TQFN or specialized BGA | --- ### 2. Functional Blocks The internal architecture of the M3H78TCG-R consists of several critical electronic sections: * **Equalizer (EQ):** Compensates for signal loss over long automotive cables (up to 15 meters). * **Clock and Data Recovery (CDR):** Extracts the timing signal from the incoming data stream to ensure synchronization. * **I2C/UART Control:** Used by the system microcontroller to configure registers and monitor link status. * **CSI-2 Transmitter:** Formats the video data into MIPI D-PHY packets for the host processor. * **Power Management:** Integrated regulators to handle internal logic voltages from the main system supply. --- ### 3. Application Use Cases This part is a cornerstone in modern automotive electronics architecture, specifically in the following areas: 1. **Surround View Systems (SVS):** Consolidating data from four or more 2MP/4MP cameras. 2. **Autonomous Driving:** Routing high-bandwidth LiDAR or Radar data to the central processing unit. 3. **Digital Instrument Clusters:** Receiving high-resolution video for dashboard displays. --- ### 4. Circuit Implementation Requirements When designing a PCB with the M3H78TCG-R, engineers must focus on: * **Impedance Control:** 100$\Omega$ differential or 50$\Omega$ single-ended traces for the GMSL inputs. * **Decoupling:** Placing low-ESR capacitors (0.1uF to 10uF) extremely close to the VDD pins to minimize noise. * **ESD Protection:** High-speed TVS diodes are required at the connector interface to prevent damage from static discharge.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between GMSL1 and GMSL2 versions?
    • ⤷ Which SoCs are most commonly paired with the M3H78TCG-R?
    • ⤷ What are the power consumption metrics for this chip at 6 Gbps?