전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3R14FAJ-R

  • AI
    Based on the part number provided, the **M3R14FAJ-R** is typically a high-precision **SMD (Surface Mount Device) Crystal Oscillator**. These components are critical for providing a stable clock signal in digital circuits. --- ### Technical Specifications Below is a breakdown of the typical characteristics for this series of oscillators: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Frequency Crystal Oscillator (SPXO) | | **Package Type** | SMD (Surface Mount) | | **Package Size** | Typically 5.0 x 7.0 mm or 3.2 x 5.0 mm (J-Lead/LCC) | | **Output Type** | CMOS / TTL | | **Operating Voltage** | Usually 3.3V or 5.0V | | **Frequency Stability** | ±25ppm to ±100ppm (depending on grade) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### Key Internal Components An oscillator like the M3R14FAJ-R consists of several internal electronic parts integrated into a single hermetically sealed package: 1. **Quartz Crystal Blank:** The heart of the device. It uses the piezoelectric effect to vibrate at a precise frequency when voltage is applied. 2. **Oscillator IC:** A small silicon chip containing the transistor circuitry required to sustain oscillation and buffer the output signal. 3. **Varactor/Capacitors:** Internal load capacitors used to tune the crystal to the exact target frequency. 4. **Gold-Plated Pads:** Used for reliable soldering and electrical connectivity to the PCB. --- ### Pin Configuration (Standard 4-Pin) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **2** | GND | Case Ground / Negative Power Supply | | **3** | Output | The Clock Signal (Square Wave) | | **4** | Vdd | Positive Power Supply | --- ### Common Applications * **Networking:** Routers, switches, and modems requiring precise timing for data packets. * **Embedded Systems:** Microcontrollers (MCUs) and FPGAs that need an external clock source. * **Industrial Automation:** PLCs and sensors operating in harsh temperature environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3R14FAJ-R variant you are using?
    • ⤷ How does the Tri-state (Enable/Disable) function work in this oscillator?
    • ⤷ What are the soldering layout requirements for this SMD package size?