전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3R23FAJ-R

  • AI
    The **M3R23FAJ-R** is a high-precision, industrial-grade crystal oscillator. Specifically, it belongs to the **M3R** series of Oven Controlled Crystal Oscillators (OCCO) or high-stability TCXOs (Temperature Compensated Crystal Oscillators) manufactured by companies like MtronPTI. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO/VC-TCXO) | | **Package Style** | 9x14 mm J-Lead (Surface Mount) | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage** | Typically 3.3V or 5.0V (Variant dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Part Number Breakdown (Nomenclature) The part number can be decoded to understand its specific electronic behavior: * **M3R**: Series designation (Surface Mount 9x14mm). * **23**: Stability and Supply Voltage code (often indicating ±2.5ppm or ±1.0ppm stability). * **F**: Operating Temperature Range (typically -40°C to +85°C). * **A**: Symmetry/Duty Cycle requirements (typically 40/60%). * **J**: Frequency Pulling or Output characteristic (e.g., ±5ppm min). * **R**: RoHS Compliant / Tape and Reel packaging. --- ### 3. Key Electronic Characteristics #### A. Frequency Stability This part is designed for applications where timing precision is critical. It maintains a stable frequency output despite changes in ambient temperature. This is achieved through an internal compensation network that adjusts the crystal's load capacitance. #### B. HCMOS Output The "J" suffix often denotes an HCMOS output. * **Logic High (Voh):** 90% of Vdd (min). * **Logic Low (Vol):** 10% of Vdd (max). * **Rise/Fall Time:** Usually < 5ns, allowing for clean high-speed digital clocking. #### C. Control Voltage (VC-TCXO Variant) If used as a VC-TCXO, the device allows for "Frequency Tuning." An external voltage applied to a specific pin can shift the output frequency slightly to synchronize with a master clock (Phase Locked Loop applications). --- ### 4. Typical Applications * **Telecommunications:** Base stations, SONET/SDH, and digital switching. * **Networking:** High-speed Ethernet switches and routers. * **Wireless:** GPS receivers and cellular infrastructure. * **Test Equipment:** Frequency counters and signal generators. --- ### 5. Circuit Implementation Example When integrating this part into a PCB design, ensure the following layout practices: ```c // Layout Recommendation: 1. Place a 0.01uF to 0.1uF bypass capacitor as close to the Vdd pin as possible. 2. Keep the output trace short to minimize capacitive loading. 3. Ensure a solid ground plane beneath the oscillator to reduce EMI. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific nominal frequency for your M3R23FAJ-R unit?
    • ⤷ Do you need the pinout diagram for the 9x14mm J-lead package?
    • ⤷ Are you looking for an equivalent replacement from another manufacturer?