전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3R23FCJ-R

  • AI
    The **M3R23FCJ-R** is a high-precision, high-frequency crystal oscillator module. It is commonly used in telecommunications, networking, and industrial computing where stable clock signals are required. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications The M3R series typically refers to **SMD (Surface Mount Device)** crystal oscillators. | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Style** | 5x7 mm (J-Lead or Standard SMD) | | **Output Type** | CMOS / TTL Compatible | | **Voltage Supply** | Usually 3.3V (standard for the R-suffix series) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | ### 2. Key Electronic Features * **Frequency Stability:** This part is designed for tight stability, often ranging from $\pm25\text{ppm}$ to $\pm100\text{ppm}$ over the operating temperature range. * **Tri-state Function (Pin 1):** The "J" in the part number often denotes a specific pinout configuration that includes an enable/disable function. This allows the output to go into a high-impedance state, reducing power consumption when the clock is not needed. * **Low Phase Jitter:** Engineered to provide a clean signal with minimal timing noise, making it suitable for high-speed data transmission. * **RoHS Compliant:** The "-R" suffix generally indicates compliance with environmental regulations regarding hazardous substances. ### 3. Pinout Configuration (Standard 4-Pad) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) | | **2** | GND | Case Ground | | **3** | Output | Clock Signal Output | | **4** | Vdd | DC Power Supply | --- ### 4. Application Circuit Example To ensure the stability of the M3R23FCJ-R, a decoupling capacitor is required between the $V_{dd}$ and $GND$ pins. ```cpp // Schematic representation of connection [Vdd (3.3V)] ----+---- [Pin 4 (Vdd)] | [Cap 0.1uF] | [GND] -----------+---- [Pin 2 (GND)] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3R23FCJ-R version?
    • ⤷ How does the Tri-state function affect power consumption in this module?
    • ⤷ What are the equivalent alternative parts for this oscillator?