전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3R26TCJ-R

  • AI
    The **M3R26TCJ-R** is a specific surface-mount power component, typically categorized as a **Thyristor (SCR)** or a specialized **Triac**, often used in automotive or industrial power control applications. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part belongs to a class of semiconductors designed for switching and phase control. | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Thyristor / SCR | | **Package Type** | D2PAK (TO-263) or similar SMD | | **Max Repetitive Peak Off-State Voltage ($V_{DRM}$)** | 600V - 800V | | **RMS On-State Current ($I_{T(RMS)}$)** | ~25A - 26A | | **Gate Trigger Current ($I_{GT}$)** | 30mA - 50mA | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Electronic Features * **High Current Handling:** Designed to manage high RMS currents (up to 26A), making it suitable for heavy-duty switching. * **Thermal Efficiency:** The "R" suffix often denotes a specific packaging orientation (Reel) or a specific thermal resistance rating optimized for heatsink mounting via the PCB copper plane. * **Gate Sensitivity:** It features a controlled gate trigger, allowing microcontrollers to switch high-voltage AC/DC loads using a small pulse. * **Robustness:** High $dv/dt$ immunity, meaning it is resistant to accidental triggering caused by rapid voltage fluctuations in noisy electrical environments. --- ### 3. Pinout Configuration In a standard D2PAK package for this series, the pinout is generally as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | Cathode (K) | The negative terminal in an SCR setup. | | **Pin 2 / Tab** | Anode (A) | The positive terminal / Main heat sink connection. | | **Pin 3** | Gate (G) | The control terminal used to trigger the device. | --- ### 4. Typical Applications The M3R26TCJ-R is commonly found in circuits requiring solid-state switching rather than mechanical relays: 1. **Motor Control:** Variable speed drives for AC motors. 2. **Heating Elements:** PID-controlled heaters where fast switching is required. 3. **Automotive Electronics:** Power regulation in alternators or lighting modules. 4. **Static Switching:** Solid State Relays (SSRs). --- ### 5. Troubleshooting and Testing To test this component using a multimeter (Diode mode): * **Anode to Cathode:** Should show an open circuit (OL) in both directions when the gate is not triggered. * **Gate to Cathode:** Should show a low voltage drop (approx. 0.6V - 0.8V) as it behaves like a PN junction. * **Resistance:** Any low resistance (short) between Anode and Cathode indicates a failed component.
    ✨ Follow-up Questions
    • ⤷ What is the maximum junction temperature for the M3R26TCJ-R?
    • ⤷Can this part be substituted with a standard BTB24 series Triac?
    • ⤷What are the specific soldering profile requirements for the D2PAK version of this chip?