전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3R64FCJ-R

  • AI
    The **M3R64FCJ-R** is a specific surface-mount electronic component, typically categorized as a **Metal Film Chip Resistor** or a related passive component. It is commonly found in precision automotive, industrial, and telecommunications circuitry. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The part number follows a standardized coding system (often associated with manufacturers like KOA Speer or similar high-precision vendors). | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive surface-mount device (SMD). | | **Resistance Value** | Variable by suffix | Defined by the numeric code in the full MPN. | | **Tolerance** | ±0.5% to ±5% | Depending on the specific tolerance grade (J usually denotes ±5%). | | **Package / Case** | 0603 or 0805 | Measured in inches (standard SMD footprints). | | **Composition** | Metal Film | Offers better stability and lower noise than carbon film. | | **Power Rating** | 0.1W - 0.25W | Standard dissipation for small signal circuits. | --- ## 2. Key Internal Electronic Parts While a resistor is a "single" component, its performance is dictated by its internal construction: ### A. Resistive Element (Metal Film) The core "electronic part" is a thin layer of metal alloy (typically Nickel-Chromium) deposited onto a ceramic substrate. This layer is laser-trimmed to achieve the precise resistance value. ### B. Ceramic Substrate Usually made of **Alumina (Al₂O₃)**. This acts as the structural base and provides high thermal conductivity to dissipate heat away from the resistive element. ### C. Termination Layers The ends of the component consist of three layers: 1. **Inner Electrode:** Usually Silver-Palladium (AgPd). 2. **Barrier Layer:** Nickel (Ni) to prevent "leaching" during soldering. 3. **Outer Coating:** Tin (Sn) for excellent solderability. --- ## 3. Applications and Usage Due to the "FCJ" series designation, these parts are often selected for: * **Precision Voltage Dividers:** Where resistance ratios must remain constant. * **Signal Conditioning:** Filtering noise in sensitive analog circuits. * **Automotive ECU:** Handling sensor data where temperature stability is critical. --- ## 4. Part Number Breakdown (Example) Typically, the code breaks down as follows: ```text M3R - 64 - FC - J - R (1) (2) (3) (4) (5) ``` 1. **M3R:** Series identifier (Metal Film Chip). 2. **64:** Size code (e.g., 0603 metric/imperial equivalents). 3. **FC:** Temperature Coefficient (TCR) rating. 4. **J:** Tolerance code (J = ±5%). 5. **R:** Packaging code (R = Taping/Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the M3R64FCJ-R in ohms?
    • ⤷ How does the temperature coefficient (TCR) affect this component's performance?
    • ⤷ What are the soldering profile requirements for this SMD part?