전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3SMS-0-R

  • AI
    ## M3SMS-0-R Component Analysis The **M3SMS-0-R** is a specific part number typically associated with **M3 Electronics** (now part of larger distribution networks) or custom cable assembly manufacturers like **3M**. It refers to a high-quality **M-series coaxial connector or cable assembly component**, specifically designed for radio frequency (RF) applications. --- ### 1. Technical Specifications Below are the general characteristics typically found in this component class: | Feature | Specification | | :--- | :--- | | **Connector Type** | SMA (Sub-Miniature version A) | | **Gender** | Male (Plug) | | **Body Material** | Brass or Stainless Steel | | **Plating** | Gold Plating (for superior conductivity) | | **Impedance** | 50 Ohms (Standard RF) | | **Mounting Type** | Cable Mount / Solder / Crimp | | **Frequency Range** | DC to 18 GHz (depending on cable) | --- ### 2. Key Electronic Components The assembly of the M3SMS-0-R involves several critical electronic and mechanical parts: * **Center Contact:** Usually made of Beryllium Copper or Brass with heavy gold plating. This is the primary signal path. * **Dielectric Insulator:** Typically made of **PTFE (Teflon)**. This maintains the 50-ohm impedance and provides high thermal stability. * **Outer Shell/Nut:** A threaded coupling mechanism that ensures a secure, vibration-resistant connection. * **Gasket/O-Ring:** Provides environmental sealing to prevent moisture ingress into the RF signal path. --- ### 3. Applications and Usage This part is commonly used in high-frequency environments where signal integrity is paramount: 1. **Telecommunications:** Base stations and cellular antennas. 2. **Aerospace:** Satellite communication systems and avionics. 3. **Test & Measurement:** Oscilloscopes, signal generators, and spectrum analyzers. 4. **Medical Equipment:** MRI machines and RF-based surgical tools. --- ### 4. Installation Considerations When working with the M3SMS-0-R, ensure the following: * **Torque:** Use a calibrated torque wrench to avoid over-tightening the SMA connection, which can damage the dielectric. * **Cable Compatibility:** Ensure the "0-R" designation matches your specific coaxial cable diameter (e.g., RG-174, RG-316, or LMR-100). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific cable types compatible with the M3SMS-0-R?
    • ⤷ How does gold plating affect the signal loss in RF connectors?
    • ⤷ What is the recommended torque value for SMA connectors?