전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3STV-4A-R

  • AI
    The **M3STV-4A-R** is a specific electronic component within the category of **Mechanical Switches**, specifically a **Slide Switch** designed for Surface Mount (SMT) applications. Below is a detailed breakdown of its electronic parts, specifications, and physical construction. --- ### 1. General Specifications The part number typically refers to a sub-miniature slide switch often used in compact consumer electronics for mode selection or power control. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Slide Switch | | **Circuit Configuration** | 4PDT (Four Pole Double Throw) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Contact Rating** | 0.3A @ 4V DC (Logic level) | | **Actuator Type** | Side Actuated (Right Angle) | | **Lead Status** | RoHS Compliant | --- ### 2. Internal Electronic Components The "parts" inside this switch are categorized by their mechanical and electrical functions: #### A. Contact System * **Wiping Contacts:** The internal copper alloy sliders "wipe" across the stationary terminals. This action helps clear oxidation and ensures a stable electrical connection. * **Plating:** Usually features **Gold** or **Silver** plating over Nickel. Gold is preferred for low-power (logic level) signals to prevent corrosion. #### B. The Housing (Dielectric) * **Body Material:** High-temperature Thermoplastic (e.g., LCP or Nylon). This allows the component to survive the high heat of infrared (IR) or convection reflow soldering. * **Base:** Holds the fixed terminals in place and provides the footprint for the PCB pads. #### C. The Actuator (Slide) * **Function:** The physical lever moved by the user. In the "4A" configuration, this slide simultaneously bridges four separate circuits (4 poles) between two different positions (Double Throw). #### D. Terminals * **Gull-wing Leads:** The metal pins are shaped like a "gull wing" to allow for easy surface mount soldering and inspection of the solder joints. --- ### 3. Circuit Logic (4PDT) The "4" in the part number indicates **Four Poles**. This means the switch can control four independent electrical paths at once. | Position | Pole 1 | Pole 2 | Pole 3 | Pole 4 | | :--- | :--- | :--- | :--- | :--- | | **Left** | Path A Active | Path C Active | Path E Active | Path G Active | | **Right** | Path B Active | Path D Active | Path F Active | Path H Active | --- ### 4. Application Use Cases Due to its 4PDT configuration and small SMT footprint, it is commonly used for: * **Audio Equipment:** Switching between four audio channels simultaneously. * **Data Lines:** Redirecting multiple logic signals or data buses. * **Power Management:** Selecting between different voltage rails in battery-powered devices.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature limits for the M3STV-4A-R?
    • ⤷ Can this switch be used for high-voltage AC applications?
    • ⤷ What is the mechanical life expectancy (cycles) of this switch?