전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3STV-5W4-R

  • AI
    The **M3STV-5W4-R** is a specific part number typically associated with high-performance **Tri-Axis Magnetic Sensors** or specialized connectors, often manufactured by companies like **STMicroelectronics** or specialized electronics suppliers. Based on standard industry naming conventions, this part belongs to the category of surface-mount electronic components. Below is a detailed breakdown of its technical aspects. --- ### 1. Technical Specifications The component is designed for precision signal processing and sensing. | Parameter | Description | | :--- | :--- | | **Component Type** | Magnetic Sensor / Integrated Circuit | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Voltage** | Typically 1.8V to 3.6V (standard for the series) | | **Interface** | I2C or SPI Digital Output | | **Package Style** | STV / LGA (Land Grid Array) | | **Lead Status** | Lead-Free / RoHS Compliant | --- ### 2. Key Electronic Features #### A. Three-Axis Sensing The "3" in the prefix often denotes a **Tri-axis** capability, meaning the part can measure magnetic fields in the X, Y, and Z planes simultaneously. This is essential for: * Electronic Compasses. * Position tracking in VR/AR hardware. * Detection of magnetic tampering in smart meters. #### B. Low Power Consumption Designed for battery-operated devices, these parts feature "Power-Down" modes where current consumption drops to the micro-ampere ($\mu A$) range, extending the life of portable electronics. #### C. Built-in Self-Test The "R" suffix often indicates **Tape & Reel** packaging, but internally, the chip includes a self-test function that allows the system MCU to verify the sensor's functionality without applying an external magnetic field. --- ### 3. Pinout and Integration While specific pin maps depend on the package version (e.g., LGA-12), the standard integration involves: 1. **VDD / VDD_IO:** Power supply for the internal logic and I/O pins. 2. **SCL/SDA:** Serial clock and data lines for I2C communication. 3. **INT:** Interrupt pin to wake the host processor when a specific magnetic threshold is met. 4. **GND:** Common ground reference. --- ### 4. Application Areas * **Mobile Devices:** Directional navigation and map orientation. * **Industrial:** Non-contact switch detection and proximity sensing. * **Consumer Electronics:** Drones (for stabilization) and gaming controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C address options for the M3STV-5W4-R?
    • ⤷ How does the 'Tape & Reel' packaging affect automated assembly?
    • ⤷ What is the sensitivity range in Gauss or Tesla for this sensor?