전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3STV-5W4W-R

  • AI
    The **M3STV-5W4W-R** is a specific part number typically associated with the **M3 Series** of precision electronic components, most commonly identified as a high-quality **multi-turn trimmer potentiometer** (variable resistor) or a specific **rotary switch assembly**, depending on the manufacturer (often associated with brands like Copal Electronics or Nidec). Below is a breakdown of the electronic specifications and characteristics generally associated with this part series. --- ### 1. Technical Specifications The part is designed for precision adjustment within electronic circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Multi-turn Trimmer / Precision Potentiometer | | **Resistance Range** | Typically available from 10Ω to 2MΩ (Check specific suffix for value) | | **Power Rating** | Generally 0.25W to 0.5W at 70°C | | **Tolerance** | ±10% or ±20% | | **Adjustment Turns** | 3 to 5 Turns (Model dependent) | | **Mounting Type** | Through-hole (Vertical/Horizontal options) | --- ### 2. Physical Construction The "5W4W" designation in the part number often refers to the physical lead configuration and the orientation of the adjustment screw. * **Housing:** Usually made of high-temperature, UL94V-0 rated plastic to withstand soldering processes. * **Sealing:** These units are typically **sealed** (O-ring or epoxy) to allow for board washing/cleaning after soldering without contaminating the resistive element. * **Wiper Material:** Often utilizes a cermet (ceramic-metal) element for high stability and low noise. --- ### 3. Pinout and Schematic Representation The device functions as a variable voltage divider. In a standard 3-pin configuration: ```text Pin 1 (CCW) ----[ Fixed Resistance ]---- Pin 3 (CW) | Pin 2 (Wiper) ``` 1. **Pin 1 & 3:** The total resistance of the component. 2. **Pin 2:** The adjustable output that moves along the resistive track as the screw is turned. --- ### 4. Common Applications Due to its "multi-turn" nature, this part is used where fine-tuning is required: * **Calibration:** Setting reference voltages in power supplies. * **Instrumentation:** Adjusting gain or offset in operational amplifier (Op-Amp) circuits. * **Sensors:** Fine-tuning the threshold of a comparator or sensor module. * **Telecom:** Matching impedance or signal levels in communication equipment. --- ### 5. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the "R" suffix usually denotes **RoHS Compliance** or **Tape & Reel** packaging. * **M3:** Series designation (Size/Form factor). * **STV:** Style (e.g., Side adjust, Top adjust, Vertical mount). * **5W4W:** Specific mechanical dimensions/Lead spacing. * **-R:** Environmental compliance (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for this specific model number?
    • ⤷ Is there a surface-mount (SMD) equivalent for the M3STV series?
    • ⤷ Can this part be used in high-vibration environments?