전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3STV-64-R/Q

  • AI
    The **M3STV-64-R/Q** is a high-performance, industrial-grade storage module, specifically an **mSATA (Mini-SATA) Solid State Drive (SSD)** manufactured by **Innodisk**. It belongs to the 3STV series and is designed for embedded systems where reliability and data integrity are critical. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical parameters of the device: | Feature | Specification | | :--- | :--- | | **Interface** | SATA III 6.0 Gb/s (Backwards compatible with SATA II/I) | | **Flash Type** | iCell / 3D TLC (Triple Level Cell) | | **Capacity** | 64 GB | | **Form Factor** | mSATA (JEDEC MO-300) | | **Max Read/Write Speed** | Up to 560 / 490 MB/s (approximate for series) | | **Input Voltage** | 3.3V ± 5% | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Dimensions** | 29.85 x 50.8 x 3.7 mm | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the M3STV-64-R/Q consists of three primary functional blocks: #### A. The SSD Controller The "brain" of the device. It manages the data flow between the SATA host and the NAND flash. It handles: * **Bad Block Management:** Identifying and skipping unreliable sectors. * **Wear Leveling:** Distributing write cycles evenly across cells to prevent premature failure. * **Error Correction Code (ECC):** Using advanced algorithms (like LDPC) to fix bit errors during data retrieval. #### B. NAND Flash Memory The storage medium. The "64" in the part number denotes **64GB** of capacity. * **3D TLC Technology:** Stacks memory cells vertically to increase density and reduce costs. * **P/E Cycles:** Rated for industrial use, typically offering higher endurance than consumer-grade SSDs. #### C. Power Management & Data Protection (iCell) This is a defining feature of the "R" suffix in Innodisk part numbers: * **iCell Technology:** Integrates a series of capacitors on the PCB. * **Power Failure Management:** In the event of a sudden power loss, these capacitors provide enough residual energy to flush "in-flight" data from the volatile DRAM buffer to the non-volatile NAND flash, preventing data corruption. --- ### 3. Part Number Decoder (M3STV-64-R/Q) Understanding the nomenclature helps identify the specific electronic attributes: * **M3ST:** Refers to the product series (mSATA 3STV). * **V:** Often indicates specific voltage or firmware versioning (SATA III). * **64:** The storage capacity (64 Gigabytes). * **R:** Indicates **Hardware Power-down Protection** (iCell / Capacitors included). * **Q:** Often refers to **Industrial Grade Temperature** range (-40°C to +85°C). --- ### 4. Typical Applications Due to its ruggedized nature and power protection, this component is commonly found in: * **Industrial Automation:** PLCs and HMI systems. * **Aerospace & Defense:** Systems subject to extreme vibration and temperatures. * **Transportation:** In-vehicle computers and black-box recorders. * **Telecommunications:** Network switches and base stations.
    ✨ Follow-up Questions
    • ⤷What is the difference between 3D TLC and MLC in industrial SSDs?
    • ⤷ How does iCell technology compare to standard firmware-based power protection?
    • ⤷ What are the MTBF (Mean Time Between Failures) ratings for the 3STV series?