전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3SWVS-3AY-R/K

  • AI
    The part number **M3SWVS-3AY-R/K** corresponds to a specialized **M3 Series High-Speed Video Switch** or Matrix component, typically used in professional broadcasting, medical imaging, or high-end security systems. This specific nomenclature often refers to assemblies produced by manufacturers like **Meridian** or specialized industrial video integrators. --- ### 1. Component Breakdown The alphanumeric code identifies the specific configuration of the video routing hardware: | Segment | Description | | :--- | :--- | | **M3** | Product Series (High-performance analog/digital matrix) | | **SWVS** | Functional Type: **SW**itcher / **V**ideo **S**ystem | | **3AY** | Version/Configuration code (Internal hardware revision) | | **R/K** | **R**: Rack-mountable / **K**: Kit includes control software/accessories | --- ### 2. Key Electronic Features The M3 series is designed for signal integrity and low-latency switching. Below are the primary electronic characteristics: * **Signal Processing:** Supports high-bandwidth analog or digital video signals (depending on the specific module installed). * **Switching Architecture:** Non-blocking crosspoint switching, allowing any input to be routed to any output without interference. * **Sync Handling:** Integrated vertical interval switching to prevent "glitches" or frames rolling during transitions. * **Power Supply:** Often features a regulated internal power module to minimize electromagnetic interference (EMI) on the video signal. --- ### 3. Technical Specifications While exact specs can vary based on the "3AY" revision, the standard parameters for this class of device include: | Parameter | Typical Value | | :--- | :--- | | **Bandwidth** | 30MHz to 150MHz (High Resolution Support) | | **I/O Connectors** | BNC or specialized multi-pin connectors | | **Control Interface** | RS-232, RS-422, or Ethernet (TCP/IP) | | **Voltage Input** | 12V DC or 110/220V AC (Internal Switcher) | | **Operating Temp** | 0°C to +50°C | --- ### 4. Common Applications * **CCTV Control Rooms:** Routing multiple camera feeds to different monitors. * **Medical Imaging:** Switching high-definition ultrasound or X-ray feeds to surgical displays. * **Broadcasting:** Managing "Program" and "Preview" feeds in a studio environment. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the R/K control interface?
    • ⤷ Does this model support digital signals like HDMI or is it strictly analog?
    • ⤷ Are there replacement power supply modules for the M3SWVS series?