M3SWVS-46Y-R
AI

The part number **M3SWVS-46Y-R** identifies a specialized Ribbon Cable Assembly manufactured by **3M**. This component is primarily used for internal board-to-board or peripheral connections where space-saving and organized wiring are required.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | 3M |
| **Connector Type** | Socket to Card Edge |
| **Number of Positions** | 46 |
| **Number of Rows** | 2 |
| **Pitch (Connector)** | 0.100" (2.54mm) |
| **Pitch (Cable)** | 0.050" (1.27mm) |
| **Length** | 3.83' (1.17m) |
| **Shielding** | Unshielded |
| **Color** | Multiple (Rainbow/Twist) or Gray with Red Edge |
---
### 2. Breakdown of Components
The assembly consists of three primary electronic sub-parts:
#### A. The Ribbon Cable
* **Conductor Material:** Usually tinned copper to prevent corrosion.
* **Insulation:** PVC (Polyvinyl Chloride).
* **Flexibility:** Designed for static applications but flexible enough to fold within tight enclosures.
#### B. Socket Connector (M3 Part)
* **Contact Material:** Copper Alloy with Gold over Nickel plating for high conductivity and durability.
* **Design:** These are Insulation Displacement Connectors (IDC). They "pierce" the cable insulation to make contact with the wire without stripping it.
#### C. Card Edge Connector
* **Function:** This side of the cable slides directly onto the traces of a Printed Circuit Board (PCB).
* **Mechanical Keying:** Often includes a "polarizing key" to ensure it cannot be plugged in backward, preventing short circuits.
---
### 3. Common Applications
* **Industrial Controls:** Connecting PLC units to interface modules.
* **Legacy Computing:** Used in older disk drive interfaces or custom backplane connections.
* **Test Equipment:** Routing signals from a motherboard to a front-panel display or button array.
---
### 4. Key Features
1. **High Reliability:** 3M’s IDC technology ensures a gas-tight connection at the termination point.
2. **Ease of Installation:** No soldering is required for the cable-to-connector interface.
3. **Low Profile:** Ideal for "1U" or "2U" rack-mounted electronic chassis where airflow is critical.
- ⤷
What is the difference between a Socket and a Card Edge connector in this assembly?
- ⤷ Can this cable be customized for different lengths?
- ⤷ What are the environmental temperature ratings for 3M ribbon cables?