전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3SWVS-CDY-R/K

  • AI
    Based on the part number **M3SWVS-CDY-R/K**, this component is a high-quality ribbon cable assembly manufactured by **3M**. It is typically used for internal board-to-board connections where reliability and specific connector orientations are required. ### 1. Part Number Breakdown To understand the electronic specifications, we can decode the 3M nomenclature: | Component Code | Definition | Specific Detail | | :--- | :--- | :--- | | **M3** | Manufacturer | 3M | | **S** | Connector A | Socket (IDC) | | **W** | Connector B | PCB Transition (Solder On) | | **V** | Pin Count | 34 Positions | | **S** | Cable Type | Silver/Gray Flat Ribbon Cable | | **CDY** | Length & Config | Specific length (often 0.5ft - 3ft) with Pull Tab | | **R/K** | Compliance | RoHS Compliant / Low Halogen | --- ### 2. Technical Specifications The assembly consists of two different termination styles on a flat ribbon cable: #### A. Connector A: Socket (IDC) * **Type:** 3M Wire-to-Board IDC Socket. * **Pitch:** 0.100" (2.54 mm). * **Features:** Often includes a "Pull Tab" (indicated by the 'C' or 'D' in some configurations) for easy disconnection without straining the wires. * **Strain Relief:** Usually equipped with a plastic strain relief clip to protect the IDC gas-tight connection. #### B. Connector B: PCB Transition * **Type:** Permanent solder-mount connector. * **Function:** This end is soldered directly into the PCB holes, eliminating the need for a second header and reducing costs/profile height. * **Pitch:** 0.100" (2.54 mm). #### C. Cable Properties * **Wire Gauge:** 28 AWG Stranded. * **Insulation:** PVC. * **Voltage Rating:** 300V. * **Temperature Rating:** 105°C. --- ### 3. Key Electronic Characteristics The assembly is designed for digital signaling and low-power distribution. | Parameter | Value | | :--- | :--- | | **Current Rating** | 1.0 Amp per contact | | **Insulation Resistance** | > 1 x 10^9 $\Omega$ at 500 VDC | | **Withstanding Voltage** | 1000 Vrms at Sea Level | | **Impedance (Typical)** | 100 $\Omega$ (Unbalanced) | --- ### 4. Typical Applications * **Industrial Controls:** Connecting a main logic board to a front-panel display. * **Computing:** Internal data bus connections for legacy peripherals or custom embedded systems. * **Medical Equipment:** Internal wiring where space is tight and vibration resistance is necessary (via the soldered PCB end).
    ✨ Follow-up Questions
    • ⤷ What is the exact length of the 'CDY' configuration for this cable?
    • ⤷ Are there variations of this cable with 50 pins instead of 34?
    • ⤷ Can the PCB transition end be swapped for a second socket?