M3SXT-0V2-R
AI

The **M3SXT-0V2-R** is a specific part number from **Bel Fuse Inc.** (specifically from their CUI Inc. or Bel Power Solutions lines) representing an **audio/video connector assembly**. Specifically, it is a 3.5mm Stereo Jack to 3.5mm Stereo Jack adapter or internal component.
---
## 1. Technical Specifications
The following table highlights the core technical characteristics of this electronic part:
| Characteristic | Specification |
| :--- | :--- |
| **Part Type** | Audio Jack / Connector |
| **Connector Type** | 3.5 mm (1/8") Phone Jack |
| **Gender** | Female (Socket/Receptacle) |
| **Signal Configuration** | Stereo (3 Conductor / TRS) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (Variant dependent) |
| **Orientation** | Right Angle |
| **Shielding** | Unshielded/Shielded options available |
---
## 2. Key Features
The "M3SXT" series is designed for compact consumer electronics. Its primary features include:
* **Compact Footprint:** Designed to fit into slim mobile devices or compact PCB layouts.
* **Mechanical Durability:** Rated for thousands of insertion/extraction cycles (typically 5,000+).
* **Contact Plating:** Usually features Gold or Silver plating on contacts to prevent oxidation and ensure low contact resistance.
* **Internal Switch:** Often includes a "normally closed" or "normally open" internal switch to detect when a plug is inserted (used for auto-switching speakers to headphones).
---
## 3. Pinout & Electrical Ratings
While specific data sheets should be consulted for exact PCB footprints, the standard electrical limits are:
### Electrical Limits
```json
{
"Voltage Rating": "12V DC",
"Current Rating": "1A",
"Contact Resistance": "< 50 mOhms",
"Insulation Resistance": "> 100 MOhms at 500V DC"
}
```
### Typical Pin Configuration (TRS)
1. **Tip (T):** Left Audio Channel.
2. **Ring (R):** Right Audio Channel.
3. **Sleeve (S):** Ground/Common.
4. **Shunt/Switch:** Used for jack detection.
---
## 4. Common Applications
* **Consumer Electronics:** Laptops, tablets, and smartphones.
* **Pro Audio:** Portable recorders and audio interfaces.
* **Instrumentation:** Signal input/output for handheld testing equipment.
- ⤷
Where can I download the official datasheet for the M3SXT-0V2-R?
- ⤷ What are the specific PCB soldering land patterns for this part?
- ⤷ Are there waterproof (IP-rated) versions of this 3.5mm jack?