전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3V15T2J-R

  • AI
    The **M3V15T2J-R** is a specific part number typically associated with a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, specifically from the **M3 series** (often produced by manufacturers like Lelon or similar component specialists). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The part number follows a standard coding convention for SMD capacitors. Here are the typical parameters for this specific component: | Parameter | Specification | | :--- | :--- | | **Type** | Aluminum Electrolytic (SMD Type) | | **Capacitance** | 150 µF (Typical for '15' code in specific series) | | **Voltage Rating** | 35V (indicated by the 'V' or 'J' code depending on manufacturer) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Tolerance** | ±20% (Standard) | | **Operating Temperature** | -40°C to +105°C (Standard M3 series range) | | **Packaging** | Tape & Reel (indicated by the '-R' suffix) | --- ## 2. Component Structure As an Aluminum Electrolytic capacitor, the M3V15T2J-R consists of several internal parts: * **Anode Foil:** High-purity aluminum with an etched surface to increase surface area. * **Cathode Foil:** Aluminum foil used to complete the circuit. * **Electrolyte:** A liquid or gel-like conductive substance that acts as the actual cathode connection. * **Separator Paper:** Used to prevent a physical short circuit between the foils while holding the electrolyte. * **Aluminum Case:** A cylindrical "can" that protects the internal elements, mounted on a plastic base for SMT soldering. --- ## 3. Key Features The **M3 Series** generally focuses on general-purpose reliability in a compact footprint. * **Reflow Soldering Compatible:** Designed to withstand the high temperatures of automated PCB assembly lines. * **Low Profile:** The "V" in the series often denotes a specific vertical (V-chip) configuration. * **Polarized:** This component has a positive and negative terminal; reversing the polarity can cause component failure or explosion. --- ## 4. Typical Applications These capacitors are used for power management and signal stability in various electronic devices: 1. **Filtering:** Smoothing out ripples in DC power supplies. 2. **Decoupling:** Providing a local energy reservoir to prevent voltage drops during high-current demands. 3. **Bypassing:** Diverting AC noise to the ground in digital circuits. 4. **Consumer Electronics:** Found in motherboards, adapters, and LED drivers. --- ### Comparison: SMD vs. Through-Hole | Feature | M3V15T2J-R (SMD) | Standard Radial (Through-Hole) | | :--- | :--- | :--- | | **Assembly** | Pick-and-Place Machine | Manual or Wave Solder | | **Space** | Low Profile / Compact | Higher Profile | | **Vibration Resistance**| Moderate | Higher (if leads are long) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for the M3 series '15T' code?
    • ⤷ How do I identify the polarity of an SMD capacitor like this?
    • ⤷ What are the common failure modes for aluminum electrolytic capacitors?