M3V18TAJ-R
AI

The **M3V18TAJ-R** is a specific electronic component belonging to the **Voltage Controlled Crystal Oscillator (VCXO)** family, typically manufactured by companies like **CTS Electronic Components**. It is designed for high-precision timing applications where the frequency needs to be adjusted or "pulled" by an external control voltage.
---
## 1. Technical Specifications
Below are the primary technical parameters for the M3V18TAJ-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | Surface Mount (SMD) |
| **Package Size** | 3.2mm x 5.0mm (Typical for M3V series) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage (Vcc)** | +3.3 Vdc |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50ppm (Standard for "A" code) |
| **Pullability/APR** | ±50ppm to ±100ppm |
---
## 2. Part Number Breakdown
The suffix and prefix codes define the specific behavior of the oscillator:
* **M3V**: Identifies the product series (3.2x5.0mm VCXO).
* **18**: Typically refers to the specific frequency or a variation in voltage (3.3V).
* **T**: Indicates the frequency stability rating.
* **A**: Represents the operating temperature range (Industrial: -40°C to +85°C).
* **J**: Refers to the Absolute Pull Range (APR).
* **-R**: Indicates **RoHS Compliant** and usually shipped in Tape & Reel packaging.
---
## 3. Key Electronic Functions
### A. Voltage Control (Pin 1)
Unlike a standard crystal oscillator, the M3V18TAJ-R features a control voltage pin. By varying the voltage on this pin (usually between 0.3V and 3.0V), the output frequency can be slightly shifted. This is essential for:
* Phase Locked Loops (PLL).
* Synchronizing clock signals in telecommunications.
### B. HCMOS Output
The part provides a square wave output compatible with High-Speed CMOS logic levels. It is designed to drive loads typically up to 15pF.
### C. Tri-State Functionality
Most models in this series include an "Enable/Disable" function. When the enable pin is set low, the output goes into a high-impedance state, reducing power consumption.
---
## 4. Typical Applications
The M3V18TAJ-R is commonly found in circuits requiring precise clock synchronization:
1. **xDSL / ADSL Modems:** For data stream timing.
2. **Set-Top Boxes:** Video clock recovery.
3. **SONET / SDH:** High-speed fiber optic networking.
4. **Wireless Base Stations:** Frequency synthesis.
---
## 5. Typical Pin Configuration
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | Vc | Voltage Control (Frequency Adjustment) |
| 2 | E/D | Enable / Disable (Output Control) |
| 3 | GND | Circuit Ground |
| 4 | Output | HCMOS Signal Output |
| 5 | N/C | No Connection |
| 6 | Vcc | Supply Voltage (+3.3V) |
- ⤷
What is the exact frequency of your specific M3V18TAJ-R unit?
- ⤷ Do you need a circuit diagram for integrating this VCXO into a PLL?
- ⤷ Are you looking for a drop-in replacement or second-source alternative?