전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3V24V2J-R

  • AI
    The **M3V24V2J-R** is a specific model of an **Electromagnetic Solenoid Valve**, typically used in pneumatic systems to control the flow of air. It is commonly associated with industrial automation components. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and physical characteristics: | Specification | Details | | :--- | :--- | | **Valve Type** | 3-Port, 2-Position (3/2 Way) | | **Actuation** | Single Solenoid / Internal Pilot | | **Operating Voltage** | 24V DC | | **Power Consumption** | Approx. 0.9W to 1.2W (Energy Efficient) | | **Electrical Connection** | J-Type Plug Connector (with Lead Wire) | | **Pressure Range** | 0.15 to 0.7 MPa | | **Surge Protection** | Integrated Surge Voltage Suppressor (indicated by "-R") | --- ### 2. Internal Electronic Components The "electronic" side of this valve consists of several critical parts that convert electrical signals into mechanical movement: 1. **Solenoid Coil:** A copper wire winding that generates a magnetic field when 24V DC is applied. 2. **Armature/Plunger:** A ferromagnetic core that moves when the coil is energized, opening or closing the air path. 3. **Surge Suppressor (The "-R" Suffix):** * This is a critical electronic feature. * It usually consists of a **Diode** or a **Varistor** connected in parallel with the coil. * **Function:** It prevents "Back EMF" (voltage spikes) from traveling back to the PLC or controller when the coil is switched off, protecting sensitive electronics. 4. **LED Indicator:** Many versions include a small surface-mount LED to provide visual confirmation that the valve is receiving power. --- ### 3. Wiring Configuration The device is DC-driven and polarity-sensitive if it includes a surge suppression diode or LED. ```yaml Wiring Guide: - Red/Positive (+) : 24V DC - Black/Negative (-): 0V (GND) - Ground: Physical chassis ground (if applicable) ``` --- ### 4. Application Context The **M3V** series is often utilized in manifold blocks where multiple valves are lined up to control various pneumatic cylinders. Because of its low power consumption, it can be driven directly by the output transistors of a PLC (Programmable Logic Controller) without needing an intermediate relay.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the -R and -S suffixes in this valve series?
    • ⤷ How do I troubleshoot a solenoid coil that is not actuating despite receiving 24V?
    • ⤷ Can this valve be used with AC voltage if a bridge rectifier is added?