전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3V28T2J-R

  • AI
    Based on the part number **M3V28T2J-R**, this component is a **Surface Mount (SMD) Quartz Crystal Oscillator**. It is commonly used in telecommunications, automotive electronics, and consumer devices to provide a precise clock frequency for microprocessors. --- ## 1. Technical Specifications Below are the typical parameters associated with this specific series: | Feature | Specification Details | | :--- | :--- | | **Package Type** | SMD (Surface Mount Device) | | **Package Size** | 3.2mm x 2.5mm (4 Pads) | | **Supply Voltage (Vdd)** | 2.8V (Typical) | | **Output Type** | CMOS / HCMOS | | **Frequency Stability** | ±25ppm to ±50ppm (Standard) | | **Operating Temp Range** | -40°C to +85°C (Industrial Grade) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ## 2. Part Number Breakdown The alphanumeric code follows a specific nomenclature used by manufacturers (typically like MtronPTI or similar frequency control vendors): * **M3V**: Series identifier for 3.2x2.5mm SMD Voltage Controlled or Standard Crystal Oscillators. * **28**: Represents the operating voltage (2.8 Volts). * **T**: Usually denotes the temperature range (e.g., -40°C to +85°C). * **2**: Often signifies the frequency stability (e.g., ±50ppm). * **J**: Pin configuration or specific output symmetry code. * **-R**: Indicates **Tape & Reel** packaging for automated pick-and-place assembly. --- ## 3. Pin Configuration The device typically has 4 gold-plated pads located on the bottom of the ceramic package: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **2** | GND | Ground / Case | | **3** | Output | Frequency Signal Output | | **4** | Vdd | Power Supply Voltage (+2.8V) | --- ## 4. Key Applications * **Communication Equipment:** WiFi routers, Bluetooth modules, and GPS receivers. * **Computing:** Clock source for MCUs, FPGAs, and Digital Signal Processors. * **Consumer Electronics:** Wearables, smart home devices, and tablets where space is limited.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific M3V28T2J-R unit?
    • ⤷ Do you need the internal schematic or a wiring diagram for this part?
    • ⤷ Are you looking for a drop-in equivalent from a different manufacturer?