M3V64T1J-R
AI

The **M3V64T1J-R** is a specific surface-mount electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. These parts are critical in telecommunications and high-precision timing circuits where frequency stability and fine-tuning are required.
---
## Technical Specifications
Based on the standard nomenclature for this series, here are the core electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Size** | 5.0 x 3.2 mm (Ceramic SMD) |
| **Nominal Frequency** | Varies by sub-model (Check suffix) |
| **Operating Voltage** | 3.3V (Standard for the 'V' series) |
| **Output Logic** | HCMOS / TTL |
| **Frequency Stability** | ±20ppm to ±50ppm |
| **Control Voltage Range** | 0.3V to 3.0V |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
## Key Features & Pin Configuration
### 1. Functional Blocks
* **Crystal Resonator:** Provides the fundamental mechanical vibration for the frequency.
* **Varactor Diode:** A voltage-variable capacitor that allows the user to "pull" the frequency slightly by changing the input voltage.
* **Buffer/Output Stage:** Ensures the signal is strong enough to drive subsequent logic gates (HCMOS).
### 2. Standard Pinout (4-6 Pad Layout)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | Vc (Control Voltage) | Input to adjust the output frequency. |
| **2** | E/D or NC | Enable/Disable (Tri-state) or No Connection. |
| **3** | GND | System Ground. |
| **4** | Output | The generated clock signal. |
| **5** | NC | No Connection. |
| **6** | Vdd | Power Supply (3.3V). |
---
## Application Use Cases
The M3V64T1J-R is designed for applications where the clock signal needs to be synchronized with an external reference:
* **Phase-Locked Loops (PLL):** Used to lock onto a specific carrier frequency.
* **Networking Gear:** Switches and routers requiring precise timing for data packets.
* **Set-top Boxes / Digital Video:** Synchronizing audio and video streams.
* **Wireless Base Stations:** Maintaining frequency alignment across cellular cells.
---
## Compliance and Durability
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with Restriction of Hazardous Substances (Lead-free).
* **Tape and Reel:** Optimized for automated Pick-and-Place SMT assembly lines.
- ⤷
What is the frequency pulling range (APR) for the M3V64T1J series?
- ⤷ Can this component be used in 5V logic systems?
- ⤷ What are the common alternatives to the M3V series for smaller PCB footprints?