전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3V64V1J-R

  • AI
    The **M3V64V1J-R** is a specific surface-mount component, primarily recognized as a **Crystal Oscillator** or a **Voltage-Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like **MtronPTI**. These parts are critical in electronic circuits for generating stable clock signals used in timing and synchronization. --- ## Technical Specifications The part number "M3V64V1J-R" contains encoded data regarding its performance characteristics. While specific manufacturer prefixes may vary slightly, the general breakdown for this series is as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | VCXO | Voltage-Controlled Crystal Oscillator | | **Package Size** | 5.0 x 3.2 mm | Standard SMT (Surface Mount) J-lead or Ceramic package | | **Supply Voltage** | 3.3V | Typical operating voltage for the "V" series | | **Output Type** | HCMOS / TTL | High-speed CMOS compatible output levels | | **Operating Temp** | -40°C to +85°C | Industrial temperature range | | **RoHS Status** | Compliant | The "-R" suffix usually denotes RoHS compliance | --- ## Core Electronic Functions ### 1. Frequency Control The "V" in the part number indicates **Voltage Control**. Unlike a fixed crystal, a VCXO allows the output frequency to be adjusted (pulled) slightly higher or lower by applying a control voltage to a specific pin. This is essential for: * Phase-Locked Loops (PLL) * Frequency synchronization in telecommunications ### 2. Signal Integrity The M3V series is designed for low "jitter." In digital electronics, jitter refers to the deviation from the true periodicity of a signal. Low jitter ensures that high-speed data transfers (like Ethernet or Fiber Channel) occur without bit errors. ### 3. Power Management Operating at 3.3V, these parts are designed to balance low power consumption with the driving strength required to trigger clock inputs on Microprocessors, FPGAs, or DSPs. --- ## Common Applications * **Networking:** Switches, routers, and base stations. * **Video Equipment:** Used for digital video broadcast (DVB) synchronization. * **Test & Measurement:** Oscilloscopes and signal generators requiring stable references. * **Industrial Automation:** Synchronization of high-speed sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range available for the M3V series?
    • ⤷ How does a VCXO differ from a standard XO in a circuit diagram?
    • ⤷ What are the soldering precautions for a 5.0x3.2 mm SMT oscillator?